Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR03006N Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # UR03006N
Description  Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Mini B M-M), 6-in
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UR03006N Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  UR03006N Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UR03006N Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Style
USB
Cable Types
USB
OUTPUT
USB Charging
No
INPUT
Cable Length (ft.)
0.5
Cable Length (m)
0.15
Cable Length (in.)
6
PHYSICAL
Color
Black
ENVIRONMENTAL
Operating Temperature Range
-10/+75° C (14 to 167° F)
Storage Temperature Range
-20/+80° C (-4 to 176° F)
CONNECTIONS
Connector A
REVERSIBLE USB A (MALE)
Connector B
USB MINI-B 5-PIN (MALE)
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - UR03006N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR030001 TRIPPLITE-UR030001 Datasheet
501Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Converter Adapter Cable (Reversible A to 5Pin Mini B M-M),1-ft
UR030003 TRIPPLITE-UR030003 Datasheet
495Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Converter Adapter Cable (Reversible A to 5Pin Mini B M-M),3-ft
UR030003DNB TRIPPLITE-UR030003DNB Datasheet
495Kb / 2P
   Universal Reversible USB 2.0 Converter Adapter Cable (Reversible A to Down-angle 5Pin Mini B M-M), 3-ft.
UR030003LAB TRIPPLITE-UR030003LAB Datasheet
481Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-Angle 5Pin Mini B M-M), 3-ft
UR030003RAB TRIPPLITE-UR030003RAB Datasheet
478Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Right-Angle 5Pin Mini B M-M), 3-ft
More results

Similar Description - UR03006N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR030006 TRIPPLITE-UR030006 Datasheet
495Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Mini B M-M), 6-ft
UR030-006 TRIPPLITE-UR030-006 Datasheet
496Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A M to 5Pin Mini-B M, 6-ft.
UR05006N TRIPPLITE-UR05006N Datasheet
499Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M-M), 6-in
UR030-06N TRIPPLITE-UR030-06N Datasheet
168Kb / 2P
   Universal Reversible USB 2.0 Cable (Reversible A to 5Pin Mini B M/M), 6-in.
UR05006NWH TRIPPLITE-UR05006NWH Datasheet
486Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M-M) White, 6-in
UR050-006 TRIPPLITE-UR050-006 Datasheet
500Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M/M) 6-ft.
UR050006 TRIPPLITE-UR050006 Datasheet
498Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to 5Pin Micro B M-M), 6-ft
UR030006UPB TRIPPLITE-UR030006UPB Datasheet
489Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Up-angle 5Pin Mini B M-M), 6-ft
UR030006LAB TRIPPLITE-UR030006LAB Datasheet
481Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-Angle 5Pin Mini B M-M), 6-ft
UR030006RAB TRIPPLITE-UR030006RAB Datasheet
477Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Right-Angle 5Pin Mini B M-M), 6-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com