Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYL-5013IRBT1C Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-5013IRBT1C
Description  LED Lamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-5013IRBT1C Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-5013IRBT1C_15 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013IRBT1C_15 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013IRBT1C_15 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013IRBT1C_15 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013IRBT1C_15 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model. No.
FYL-5013IRBT1C
Rev.
A
Http://www.foryard.com
Absolute maximum ratings(Ta=25
с)
Parameter
Symbol
Test Condition
MAX.
Unit
Power Dissipation
pd
--
100
mW
Forward Current
IFM
Duty=0.01ms 1khz
1000
mA
Reverse Voltage
VR
IR=10UA
9
V
Operating Temperature Range
-40
to +85
Storage Temperature Range
-40
to +100
Lead Soldering Temperature[4mm(.157”) From Body]
260
for 5 Seconds
Electrical and optical characteristics(Ta=25
с)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Radiant Intensity
Ee
30
50
--
mW/sr
IF=50mA
Viewing Angle
2θ1/2
15
20
25
Deg
Peak Emission Wavelength
λp
-
880
-
nm
Spectral Line Half-Width
λ
40
45
50
nm
Forward Voltage
VF
--
1.5
1.7
V
Reverse Current
10
uA
5 V


Similar Part No. - FYL-5013IRBT1C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5013IRBT1C FORYARD-FYL-5013IRBT1C Datasheet
152Kb / 3P
   LED LAMP
More results

Similar Description - FYL-5013IRBT1C_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com