Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR050003RA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UR050003RA
Description  Universal Reversible USB 2.0 Hi-Speed Cable (Reversible Right - Left Angle A to Micro-B M-M), 3-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UR050003RA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UR050003RA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UR050003RA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal Reversible USB 2.0 Hi-Speed Cable
(Reversible Right / Left Angle A to Micro-B M/M),
3-ft.
MODEL NUMBER: UR050-003-RA
Description
Tripp Lite UR050-003-RA, 3ft USB 2.0 Right / Left Angle A to Micro-B cable, features a Universal / Reversible "A" connector, which takes the guesswork out of
which way to position the "A" connector for plugging. Micro-USB is the next generation of USB connector that will be found on Cell Phones, PDA's, USB
On-the-Go ( OTG ) devices, Digital Cameras, and more. Smaller and more durable ( 10,000 insertion cycles ) than the existing mini-B connectors, the
Micro-USB will also handle Power transfers, as well as Data. The USB Implementers Forum ( USB-IF ) has designed the Micro-USB to eliminate many of the
proprietary Mini connectors found on different manufacturers digital devices, and it will be the standard USB connection on phones from the major cell phone
manufacturers. USB 2.0 rated cable handles 480Mbps data transfer rates.
Features
USB Universal / Reversible Right / Left Angle A Male to Micro-B Male, 3ft
480Mbps USB 2.0 Data Transfer Rates
Data and Power transference
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Style
USB
Cable Types
USB
Highlights
Next Generation USB Digital
Device Connector
Provides both Data and Power
transfers
USB 2.0 480Mbps Transfer rates
Right / Left Angle, Universal /
Reversible "A" Male to Micro-B
Male
System Requirements
Digital devices that use the USB
Micro-B Female socket
Package Includes
3-ft. USB2.0 Right / Left Angle
Universal / Reversible A to
Micro-USB B Device Cable (A
Male to Micro-B Male)
1 / 2


Similar Part No. - UR050003RA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR050003RAB TRIPPLITE-UR050003RAB Datasheet
490Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable
More results

Similar Description - UR050003RA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR050-003-RA TRIPPLITE-UR050-003-RA Datasheet
487Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible Right / Left Angle A to Micro-B M/M) 3-ft.
UR022-003-RA TRIPPLITE-UR022-003-RA Datasheet
492Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable (Right / Left Angle Reversible A to B M/M) 3-ft.
UR022003RA TRIPPLITE-UR022003RA Datasheet
491Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Right - Left Angle Reversible A to B M-M), 3-ft
UR050003LAB TRIPPLITE-UR050003LAB Datasheet
482Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-angle 5Pin Micro B M-M), 3-ft
UR020006RA TRIPPLITE-UR020006RA Datasheet
511Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Right-Left Angle Reversible A to Reversible A M-M),6-ft
UR022006RA TRIPPLITE-UR022006RA Datasheet
491Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Right - Left Angle Reversible A to B M-M), 6-ft
UR020-006-RA TRIPPLITE-UR020-006-RA Datasheet
511Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable (Right / Left Angle Reversible A to Reversible A M/M) 6-ft.
UR050006LAB TRIPPLITE-UR050006LAB Datasheet
481Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-angle 5Pin Micro B M-M), 6-ft
UR022003 TRIPPLITE-UR022003 Datasheet
498Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to B M-M), 3-ft
UR030003LAB TRIPPLITE-UR030003LAB Datasheet
481Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Left-Angle 5Pin Mini B M-M), 3-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com