Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPC40U Datasheet(PDF) 2 Page - International Rectifier

Part # IRGPC40U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=20A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC40U Datasheet(HTML) 2 Page - International Rectifier

  IRGPC40U Datasheet HTML 1Page - International Rectifier IRGPC40U Datasheet HTML 2Page - International Rectifier IRGPC40U Datasheet HTML 3Page - International Rectifier IRGPC40U Datasheet HTML 4Page - International Rectifier IRGPC40U Datasheet HTML 5Page - International Rectifier IRGPC40U Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
C-682
IRGPC40U
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
51
67
IC = 20A
Qge
Gate - Emitter Charge (turn-on)
8.9
11
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
20
33
VGE = 15V
td(on)
Turn-On Delay Time
25
TJ = 25°C
tr
Rise Time
21
ns
IC = 20A, VCC = 480V
td(off)
Turn-Off Delay Time
96
190
VGE = 15V, RG = 10Ω
tf
Fall Time
43
120
Energy losses include "tail"
Eon
Turn-On Switching Loss
0.34
Eoff
Turn-Off Switching Loss
0.41
mJ
See Fig. 9, 10, 11, 14
Ets
Total Switching Loss
0.75
1.6
td(on)
Turn-On Delay Time
25
TJ = 150°C,
tr
Rise Time
23
ns
IC = 20A, VCC = 480V
td(off)
Turn-Off Delay Time
174
VGE = 15V, RG = 10Ω
tf
Fall Time
140
Energy losses include "tail"
Ets
Total Switching Loss
1.4
mJ
See Fig. 10, 14
LE
Internal Emitter Inductance
13
nH
Measured 5mm from package
Cies
Input Capacitance
1500
VGE = 0V
Coes
Output Capacitance
190
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
17
ƒ = 1.0MHz
Notes:
VCC=80%(VCES), VGE=20V, L=10µH,
RG= 10Ω, ( See fig. 13a )
Repetitive rating; V GE=20V, pulse width
limited by max. junction temperature.
( See fig. 13b )
Repetitive rating; pulse width limited
by maximum junction temperature.
Pulse width
≤ 80µs; duty factor ≤ 0.1%.
Pulse width 5.0µs,
single shot.
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
20
V
VGE = 0V, IC = 1.0A
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
0.63
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
2.2
3.0
IC = 20A
VGE = 15V
2.7
V
IC = 40A
See Fig. 2, 5
2.3
IC = 20A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
5.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
-13
mV/°C
VCE = VGE, IC = 250µA
gfe
Forward Transconductance
11
18
S
VCE = 100V, IC = 20A
ICES
Zero Gate Voltage Collector Current
250
µA
VGE = 0V, VCE = 600V
2500
VGE = 0V, VCE = 600V, T J = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRGPC40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPC40U IRF-IRGPC40U Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRGPC40UD2 IRF-IRGPC40UD2 Datasheet
421Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=20A)
IRGPC40UD2 IRF-IRGPC40UD2 Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGPC40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGBC40U IRF-IRGBC40U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=20A)
IRGPH40S IRF-IRGPH40S Datasheet
82Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=20A)
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRGBC30S IRF-IRGBC30S Datasheet
252Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGPC30S IRF-IRGPC30S Datasheet
253Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
IRGPC30M IRF-IRGPC30M Datasheet
250Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=16A)
IRGPC40M IRF-IRGPC40M Datasheet
91Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=24A)
IRGBC40K IRF-IRGBC40K Datasheet
237Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=25A)
IRGBC20M-S IRF-IRGBC20M-S Datasheet
247Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com