Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20115SP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2A20115SP
Description  Power Factor Correction Controller IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20115SP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2A20115SP_15 Datasheet HTML 1Page - Renesas Technology Corp R2A20115SP_15 Datasheet HTML 2Page - Renesas Technology Corp R2A20115SP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A20115SP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20115SP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20115SP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20115SP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20115SP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20115SP_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REJ03D0923-0100 Rev.1.00 Oct 06, 2009
Page 1 of 7
R2A20115SP
Power Factor Correction Controller IC
REJ03D0923-0100
Rev.1.00
Oct 06, 2009
Description
R2A20115 is a power-factor correction (PFC) controller IC, which employs continuous conduction mode as PFC
control mode. Various kinds of functions such as constant power limit, overvoltage detection, overcurrent detection,
soft start function, feedback-loop open detection, and the function holding its operation through momentary outage
(PFC hold function) are incorporated in a single chip. These functions reduce external circuitry.
The constant power limit function significantly reduces "coil vibration", which is caused by the operation of a
conventional overcurrent detection circuit when the system is overloaded.
The PFC hold function enables quick recovery by keeping PFC operation active for a certain duration (hold time)
during momentary outage/power failure. The hold time can be adjusted by an external capacitor.
This IC provides the separated pin used for detecting overcurrent, so that, the preset current value range for overcurrent
detection becomes wider than before.
The shutdown function with latch mode is also implemented.
A soft-start control pin is provided for the easy adjustment of soft-start operation.
And also the dynamic over voltage protection function integrated in this IC reduces overshooting of the output voltage,
which might occur for the duration of startup, recovery after momentary power failure and just after a sudden variation
of a load.
Features
• Maximum ratings
⎯ Power-supply voltage Vcc: 24 V
⎯ Operating junction temperature Tjopr: – 40 to 150°C
• Electrical characteristics
⎯ VREF output voltage VREF: 5.0 V ± 1.6%
⎯ UVLO operation start voltage VH: 10.4 ± 0.7 V
⎯ UVLO operation stop voltage VL: 8.9 ± 0.5 V
⎯ PFC output maximum ON duty Dmax-out: 95% (typ.)
• Functions
⎯ Constant power limit function
⎯ Continuous conduction mode
⎯ Hold function of PFC operation on momentary outage (PFC hold function)
⎯ Overvoltage detection
⎯ Overcurrent detection
⎯ Soft start
⎯ Feedback loop disconnection detection
⎯ IC shutdown function
⎯ Dynamic OVP (Over Voltage Protection)
⎯ Package lineup: SOP-16
Applications
• Flat panel display
• Projector
• Desktop PC
• White goods
Ordering Information
Part No.
Package Name
Package Code
Taping Spec.
R2A20115SPW0
FP-16DAV
PRSP0016DH-B
2000 pcs./one taping product


Similar Part No. - R2A20115SP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20115SPW0 RENESAS-R2A20115SPW0 Datasheet
128Kb / 8P
   Power Factor Correction Controller IC
More results

Similar Description - R2A20115SP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP Datasheet
308Kb / 41P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
HA16174P RENESAS-HA16174P Datasheet
352Kb / 37P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_15 Datasheet
139Kb / 10P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ-E ROHM-BD7690FJ-E Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20115SP RENESAS-R2A20115SP Datasheet
128Kb / 8P
   Power Factor Correction Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com