Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1011 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1011
Description  Battery technology used in NVRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1011 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1011 Datasheet HTML 1Page - STMicroelectronics AN1011 Datasheet HTML 2Page - STMicroelectronics AN1011 Datasheet HTML 3Page - STMicroelectronics AN1011 Datasheet HTML 4Page - STMicroelectronics AN1011 Datasheet HTML 5Page - STMicroelectronics AN1011 Datasheet HTML 6Page - STMicroelectronics AN1011 Datasheet HTML 7Page - STMicroelectronics AN1011 Datasheet HTML 8Page - STMicroelectronics AN1011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2012
Doc ID 6254 Rev 4
1/11
AN1011
Application note
Battery technology used in NVRAM
and real-time clock (RTC) products from ST
Introduction
Lithium Carbon MonoFlouride (LiCFx) batteries are used by STMicroelectronics in their
ZEROPOWER® and TIMEKEEPER® NVRAM devices and in their serial real-time clock
(RTC) devices. The batteries provide the backup power to maintain the static RAM arrays
and to keep the oscillators running in the TIMEKEEPER and serial RTC devices.
When the discharge rates are low, these non-rechargeable lithium batteries are capable of
maintaining a highly reliable voltage level for many years. Lithium batteries, therefore, are
used for a variety of applications that require battery backup without need of maintenance
for many years.
To be used in electronic components, these cells also need to be composed of constituents
that are nontoxic, non-corrosive, and non-explosive. They also must be chemically and
thermally stable before, during and after discharge. STMicroelectronics utilizes the 48 mAh
BR1225X cell, and the 120 mAh BR1632 cell. The electrolyte of these cells (see Figure 1) is
based on an organic solvent, instead of a corrosive alkaline or acidic solution found in most
conventional batteries. This greatly improves the cell’s leakage resistance and guards
against the negative effects caused by leakage.
Figure 1.
Cell cross-section
(+)
(-)
AI02531
Gasket
CFx Cathode
Current Cathode
Separator and Electrolyte
Lithium Anode
Anode Cap
Cell Can
www.st.com


Similar Part No. - AN1011

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
AN101101 ZFSWITCHES-AN101101 Datasheet
360Kb / 2P
   Intrinsically Linear Angle Position Sensor
More results

Similar Description - AN1011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICR18650 ETC-ICR18650 Datasheet
237Kb / 7P
   Polymer Li-ion Battery Technology Specification
logo
Littelfuse
UL1642-2005 LITTELFUSE-UL1642-2005 Datasheet
1Mb / 8P
   Introduction to Li-ion Battery Technology
logo
Texas Instruments
BQ4285E TI1-BQ4285E_14 Datasheet
1Mb / 31P
[Old version datasheet]   Enhanced RTC With NVRAM Control
BQ4285E TI-BQ4285E Datasheet
1Mb / 32P
[Old version datasheet]   Enhanced RTC With NVRAM Control
logo
STMicroelectronics
AN1009 STMICROELECTRONICS-AN1009 Datasheet
93Kb / 7P
   Negative undershoot NVRAM data corruption
logo
Schneider Electric
HMIYMINNVRAM1 SCHNEIDER-HMIYMINNVRAM1 Datasheet
101Kb / 1P
   Interface Mini PCIe NVRAM for iPC
Aug 10, 2019
logo
Infineon Technologies A...
IGU04N60T INFINEON-IGU04N60T Datasheet
349Kb / 12P
   IGBT in TRENCHSTOP technology
Rev. 2.0 24.02.2014
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
logo
Texas Instruments
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
logo
STMicroelectronics
AN1336 STMICROELECTRONICS-AN1336 Datasheet
140Kb / 10P
   Power-fail comparator for NVRAM supervisory devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com