Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17012GF-058 Datasheet(PDF) 8 Page - NEC

Part # UPD17012GF-058
Description  PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER AUTOMOBILE APPLICATION
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17012GF-058 Datasheet(HTML) 8 Page - NEC

Back Button UPD17012GF-058 Datasheet HTML 4Page - NEC UPD17012GF-058 Datasheet HTML 5Page - NEC UPD17012GF-058 Datasheet HTML 6Page - NEC UPD17012GF-058 Datasheet HTML 7Page - NEC UPD17012GF-058 Datasheet HTML 8Page - NEC UPD17012GF-058 Datasheet HTML 9Page - NEC UPD17012GF-058 Datasheet HTML 10Page - NEC UPD17012GF-058 Datasheet HTML 11Page - NEC UPD17012GF-058 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
µPD17012GF-058
8
12
13
14
FMIFC
AMIFC
KY-IN
FM intermediate
frequency input
AM intermediate
frequency input
Key input
Input
Input
Input
Pin
No.
Symbol
Pin name
Description
I/O type
Input pin of the intermediate frequency (IF) in the FM band
To protect the built-in AC amplifier, block the flow of direct current
with a capacitor, then input the frequency.
When the ENFMIF switch (initial setting diode) is set to 1, this pin is
used to detect a station during auto-tuning.
If the input frequency range and conditions listed below are
satisfied, it is judged that a station has been found.
A frequency within input frequency range <1> must be input within
20 ms of the PLL being locked. If a frequency is included in both
input frequency ranges <1> and <2>, it is judged that a station has
been found. Auto-tuning is stopped.
Input pin for the intermediate frequency (IF) in the AM (MW, LW)
band. To protect the built-in AC amplifier, block the flow of direct
current with a capacitor, then input the frequency.
If the initial setting diode ENAMIF is set to 1, this pin is used to
detect whether a station is found in auto-tuning.
If the input frequency range and conditions listed below are
satisfied, it is judged that a station has been found.
A frequency within input frequency range <1> must be input within
20 ms of the PLL being locked. If a frequency is included in both
input frequency ranges <1> and <2>, it is judged that a station has
been found. Auto-tuning is stopped.
Input pin for the key return signal of the momentary key matrix
10.7 MHz
±50 kHz
FM
10.7 MHz
±12.5 kHz
Input frequency
range <1>
Band
Input frequency
range <2>
Item
450
± 5
450
± 5
MW
LW
450
± 2
450
± 0.5
Input frequency
range <1> [kHz]
Band
Input frequency
range <2> [kHz]
Item


Similar Part No. - UPD17012GF-058

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17012GF-058 RENESAS-UPD17012GF-058 Datasheet
1Mb / 94P
   MOS INTEGRATED CIRCUIT
1997
UPD17012GF-058-3BE RENESAS-UPD17012GF-058-3BE Datasheet
1Mb / 94P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD17012GF-058

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD17012GF-058 RENESAS-PD17012GF-058_15 Datasheet
1Mb / 94P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER (AUTOMOBILE APPLICATION)
logo
Daewoo Semiconductor
DMC4001 DAEWOO-DMC4001 Datasheet
3Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
NEC
UPD1708AG-011 NEC-UPD1708AG-011 Datasheet
746Kb / 28P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
Daewoo Semiconductor
DMC4002 DAEWOO-DMC4002 Datasheet
6Mb / 74P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LW TUNER
logo
NEC
UPD1723GF-013 NEC-UPD1723GF-013 Datasheet
1Mb / 80P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO
logo
Integral Corp.
IND1723Q INTEGRAL-IND1723Q Datasheet
102Kb / 2P
   CONTROLLER AND FREQUENCY SYNTHESIZER USED IN AUTOMOBILE RECEIVER WITH FM, MW,LW BAND
logo
NEC
UPD1703C-015 NEC-UPD1703C-015 Datasheet
1Mb / 29P
   PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR FM/MW/AM TUNER
UPD1703C-018 NEC-UPD1703C-018 Datasheet
1Mb / 23P
   PLL FREQUENCY SYMTHESIZER AND CONTROLLER FOR LM,MW AND FM TUNER
UPD17006AGF-011 NEC-UPD17006AGF-011 Datasheet
677Kb / 72P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOBILE FM, MW, AND LW RADIOS
logo
Sanyo Semicon Device
LC72134M SANYO-LC72134M Datasheet
463Kb / 27P
   Dual PLL Frequency Synthesizer for FM Tuner Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com