Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPF50F Datasheet(PDF) 5 Page - International Rectifier

Part # IRGPF50F
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=28A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPF50F Datasheet(HTML) 5 Page - International Rectifier

  IRGPF50F Datasheet HTML 1Page - International Rectifier IRGPF50F Datasheet HTML 2Page - International Rectifier IRGPF50F Datasheet HTML 3Page - International Rectifier IRGPF50F Datasheet HTML 4Page - International Rectifier IRGPF50F Datasheet HTML 5Page - International Rectifier IRGPF50F Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C-271
IRGPF50F
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Case Temperature
0
10 0 0
20 0 0
30 0 0
40 0 0
50 0 0
1
1 0
1 0 0
C E
V
, C o llector-to-E m itter V oltage (V )
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GE
ies
ge
gc
ce
res
gc
oes
ce
gc
Cies
Cres
Coes
0
4
8
12
16
20
0
2 0
40
6 0
8 0
1 00
Q
, T otal G ate C harge (nC )
g
V
= 40 0 V
I
= 2 8A
C E
C
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
0
1 0
2 0
3 0
4 0
50
6 0
G
R
, G a te R e s is ta n c e (
)
W
V
= 72 0V
V
= 1 5V
T
= 25°C
I
= 28 A
C C
G E
C
C
0 .1
1
1 0
1 0 0
-6 0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 2 0 1 4 0 1 6 0
C
T , C ase Tem perature (°C )
R
= 5
V
= 15 V
V
= 7 20 V
I
= 56 A
I
= 2 8A
I
= 1 4A
C
C
C
G
G E
C C
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRGPF50F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPF50F IRF-IRGPF50F Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGPF50F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPF20F IRF-IRGPF20F Datasheet
260Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=5.3A)
IRGBF30F IRF-IRGBF30F Datasheet
253Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=11A)
IRGPF30F IRF-IRGPF30F Datasheet
256Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V, @Vge=15V, Ic=11A)
IRGPF40F IRF-IRGPF40F Datasheet
259Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=900V,@Vge=15V, Ic=17A)
IRGB440U IRF-IRGB440U Datasheet
252Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRGP440U IRF-IRGP440U Datasheet
254Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGPH40M IRF-IRGPH40M Datasheet
84Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=18A)
IRGBC30S IRF-IRGBC30S Datasheet
252Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=18A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com