Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPH20M Datasheet(PDF) 5 Page - International Rectifier

Part # IRGPH20M
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=4.5A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPH20M Datasheet(HTML) 5 Page - International Rectifier

  IRGPH20M Datasheet HTML 1Page - International Rectifier IRGPH20M Datasheet HTML 2Page - International Rectifier IRGPH20M Datasheet HTML 3Page - International Rectifier IRGPH20M Datasheet HTML 4Page - International Rectifier IRGPH20M Datasheet HTML 5Page - International Rectifier IRGPH20M Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C-467
IRGPH20M
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Case Temperature
0.1
1
10
-60
-40
-20
0
20
40
60
80
100 120 140 160
C
T , Case Temperature (°C)
A
R
= 50
V
= 15V
V
= 960V
G
GE
CC
I
= 9.0A
I
= 4.5A
I
= 2.3A
C
C
C
1.04
1.06
1.08
1.10
0
10
20
30
40
50
60
G
R , Gate Resistance (
Ω)
A
V
= 960V
V
= 15V
T
= 25°C
I
= 4.5A
CC
GE
C
C
0
100
200
300
400
500
600
1
10
100
CE
V
, Collector-to-Emitter Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GE
ies
ge
gc
ce
res
gc
oes
ce
gc
Cies
Cres
Coes
0
4
8
12
16
20
0
4
8
12
16
20
g
Q , Total Gate Charge (nC)
A
V
= 400V
I
= 4.5A
CE
C
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRGPH20M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPH20M IRF-IRGPH20M Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGPH20M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPH40M IRF-IRGPH40M Datasheet
84Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=18A)
IRGPH50M IRF-IRGPH50M Datasheet
255Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=23A)
IRGPH50S IRF-IRGPH50S Datasheet
96Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=33A)
IRGPH20S IRF-IRGPH20S Datasheet
240Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=6.6A)
IRGPH40F IRF-IRGPH40F Datasheet
255Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=17A)
IRGPH50F IRF-IRGPH50F Datasheet
267Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=25A)
IRGPH30S IRF-IRGPH30S Datasheet
82Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=13A)
IRGPH40S IRF-IRGPH40S Datasheet
82Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=20A)
IRGB440U IRF-IRGB440U Datasheet
252Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=22A)
IRGBC20S IRF-IRGBC20S Datasheet
274Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=10A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com