Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG4902NA Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4902NA
Description  Dual N-Channel Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4902NA Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4902NA_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4902NA_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4902NA_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4902NA_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSG4902NA
6.4 A, 60 V, RDS(ON) 41 mΩ
Dual N-Channel Mode Power MOSFET
Elektronische Bauelemente
15-Mar-2012 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate Threshold Voltage
VGS(th)
1
-
-
V
VDS=VGS, ID=250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS=20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=60V, VGS=0
-
-
10
µA
VDS=60V, VGS=0, TJ= 55°C
On-State Drain Current
1
ID(on)
20
-
-
A
VDS=5V, VGS=10V
Drain-Source On-Resistance
1
RDS(ON)
-
-
41
m
VGS=10V, ID=6.4A
-
-
52
VGS=4.5V, ID=5.6A
Forward Transconductance
1
gfs
-
11
-
S
VDS=15V, ID=6.4A
Diode Forward Voltage
VSD
-
-
1.2
V
IS=2A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
12.5
-
nC
ID=6.4A
VDS=30V
VGS=4.5V
Gate-Source Charge
Qgs
-
2.4
-
Gate-Drain Charge
Qgd
-
2.6
-
Switching
Turn-On Delay Time
Td(on)
-
11
-
nS
VDD=30V
ID=1A
VGEN=10V
RL=30
Rise Time
Tr
-
8
-
Turn-Off Delay Time
Td(off)
-
19
-
Fall Time
Tf
-
6
-
Notes:
1
Pulse test:PW
300µs duty cycle
2%
.
2
Guaranteed by design, not subject to production testing.


Similar Part No. - SSG4902NA_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4902NA SECOS-SSG4902NA Datasheet
336Kb / 4P
   Dual N-Channel Mode Power MOSFET
More results

Similar Description - SSG4902NA_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4902N SECOS-SSG4902N Datasheet
175Kb / 2P
   Dual N-Channel Mode Power MOSFET
SSG4942N SECOS-SSG4942N Datasheet
151Kb / 2P
   Dual N-Channel Mode Power MOSFET
SSG4990N SECOS-SSG4990N_15 Datasheet
151Kb / 2P
   Dual-N Channel Mode Power MOSFET
SSG4934N SECOS-SSG4934N_15 Datasheet
126Kb / 2P
   Dual N-Channel Mode Power MOSFET
SSG4930N SECOS-SSG4930N Datasheet
459Kb / 4P
   Dual N-Channel Mode Power MOSFET
SSPS920NE SECOS-SSPS920NE_15 Datasheet
487Kb / 4P
   Dual-N Channel Mode Power MOSFET
SSG4920N SECOS-SSG4920N_15 Datasheet
406Kb / 4P
   Dual N-Channel Mode Power MOSFET
SSG4942N SECOS-SSG4942N_15 Datasheet
151Kb / 2P
   Dual N-Channel Mode Power MOSFET
SSPS7630N SECOS-SSPS7630N Datasheet
472Kb / 4P
   Dual-N Channel Mode Power MOSFET
SSG4934N SECOS-SSG4934N Datasheet
126Kb / 2P
   Dual N-Channel Mode Power MOSFET
SSG4902NA SECOS-SSG4902NA Datasheet
336Kb / 4P
   Dual N-Channel Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com