Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG9575 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9575
Description  P-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9575 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG9575_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9575_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9575_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9575_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG9575
-6A, -60V,RDS(ON) 90m
P-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Total Gate Charge
RDS(ON)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=70 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
-60
-0.04
-1.0
-
3.0
100
-1
-25
90
120
18
5
7
12
5
68
32
2790
165
125
±
V
V/
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS=-25V
f=1.0MHz
VDD=-30V
ID=-1A
VGS=-10V
RG=3.3
RD=30
Ω
Ω
ID=-4A
VDS=-48V
VGS=-4.5V
VGS=-10V, ID=-4A
VGS=-4.5V, ID=-3A
VGS=0V, ID=-250uA
VGS= 25V
±
VDS=-60V,VGS=0
VDS=-48V,VGS=0
VDS=VGS, ID=-250uA
Reference to 25 ,ID=-1mA
_
_
_
Source-Drain Diode
_
_
_
_
_
_
_
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
VSD
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
IS=-2A, VGS=0V.
V
-1.2
Notes: 1.Pulse width limited by safe operating area.
2.Pulse width 300us, dutycycle 2%.
2
Forward Transconductance
Gfs
S
7
VDS=-10V, ID=-4A
_
_
_
1745
28
Reverse Recovery Time
Reverse Recovery Charge
Is=-4A, VGS=0V
_
_
_
_
Trr
Qrr
nS
56
dl/dt=100A/us
3.Surface mounted on 1 inch2 copper pad of FR4 board; 135OC/W when mounted on min. copper pad.
nC
146
o
C
o
C
o
C
o
C
o
2
2
2
2
Ω
01-Jun-2002 Rev. A
Page 2 of 4


Similar Part No. - SSG9575_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG9575 SECOS-SSG9575 Datasheet
233Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
logo
SHENZHEN DOINGTER SEMIC...
SSG9575 DOINGTER-SSG9575 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - SSG9575_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD9435 SECOS-SSD9435_15 Datasheet
832Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SID3403 SECOS-SID3403 Datasheet
781Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435 Datasheet
832Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
logo
List of Unclassifed Man...
SSG9435 ETC2-SSG9435 Datasheet
306Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
logo
SeCoS Halbleitertechnol...
SGM2501 SECOS-SGM2501 Datasheet
420Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG4953 SECOS-SSG4953 Datasheet
540Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com