Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3060 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3060
Description  Applications guide for serial real-time clocks
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3060 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3060 Datasheet HTML 4Page - STMicroelectronics AN3060 Datasheet HTML 5Page - STMicroelectronics AN3060 Datasheet HTML 6Page - STMicroelectronics AN3060 Datasheet HTML 7Page - STMicroelectronics AN3060 Datasheet HTML 8Page - STMicroelectronics AN3060 Datasheet HTML 9Page - STMicroelectronics AN3060 Datasheet HTML 10Page - STMicroelectronics AN3060 Datasheet HTML 11Page - STMicroelectronics AN3060 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Undershoot
AN3060
8/23
Doc ID 16253 Rev 2
3
Undershoot
3.1
Can undershoot affect operation of my real-time clock?
How? What can be done to guard against it?
Inherent in all field effect devices - all CMOS devices - are parasitic diodes resulting from the
intersection of P and N type regions in the device. Every PN junction forms a diode which
will conduct under any condition which biases the P region above the N region.
In Figure 3, if VCC drops sufficiently below ground, the parasitic diode will be turned on thus
drawing current through the device. Significant undershoot on VCC can result in enough
current flow to cause some disturbance in the real-time clock registers and hence can
adversely affect timekeeping. Therefore, undershoot should be avoided.
Figure 3.
Typical parasitic diode
Most ST real-time clocks specify a minimum VCC of –0.3 V thereby limiting negative
undershoot to 0.3 V below ground.
Some supplies ramp very quickly when power cycling with the result that ringing can occur
which produces an undershoot condition that can cause problems for real-time clocks.
In the rare situations where this occurs, the best protection is a back biased Schottky diode
on the VCC pin as shown in Figure 4. This addition has been shown to be a very reliable fix
for undershoot problems.
Figure 4.
Undershoot protection
N
N+
N+
P
D
S
G
VCC
AM04721v1
SDA
RTC
VSS
SCL
XI
XO
AM04722v1
VCC
VCC
1N5817 (through hole)
BAT54J (surface mount)


Similar Part No. - AN3060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3063 STMICROELECTRONICS-AN3063 Datasheet
1Mb / 33P
   100 W transition-mode PFC pre-regulator with the L6563H
AN3064 STMICROELECTRONICS-AN3064 Datasheet
301Kb / 15P
   Using the STC3100 battery monitor for gas gauge applications
AN3065 STMICROELECTRONICS-AN3065 Datasheet
1Mb / 33P
   100 W transition-mode PFC pre-regulator with the L6563S
More results

Similar Description - AN3060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
logo
STMicroelectronics
M41T62_1112 STMICROELECTRONICS-M41T62_1112 Datasheet
878Kb / 44P
   Serial real-time clocks (RTCs) with alarm
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
STMicroelectronics
AN1572 STMICROELECTRONICS-AN1572 Datasheet
176Kb / 9P
   Power-down time-stamp function in serial real-time clocks
AN923 STMICROELECTRONICS-AN923 Datasheet
200Kb / 7P
   Managing century information using serial real-time clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com