Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3349 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3349
Description  eTPU assembly converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3349 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3349 Datasheet HTML 2Page - STMicroelectronics AN3349 Datasheet HTML 3Page - STMicroelectronics AN3349 Datasheet HTML 4Page - STMicroelectronics AN3349 Datasheet HTML 5Page - STMicroelectronics AN3349 Datasheet HTML 6Page - STMicroelectronics AN3349 Datasheet HTML 7Page - STMicroelectronics AN3349 Datasheet HTML 8Page - STMicroelectronics AN3349 Datasheet HTML 9Page - STMicroelectronics AN3349 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Convert mode
AN3349
6/13
Doc ID 018511 Rev 2
2.3
Examples
2.3.1
Manual assembly mode
etpu_asm_converter.exe -m
->alu c=b+a.
add c,b,a
->ram p = by_diob.
ld p,*diob
2.3.2
Manual C mode
etpu_asm_converter.exe -mc
->/* All c information is copied line by line */
/* All c information is copied line by line */
->#asm (alu c=c+1.)
asm{ addi c,c,1 }
->callExampleCFunc();
callExampleCFunc();
->#asm
asm{
->ram p = (diob++).
ld p,*diob++
->alu c=b.
move c,b
->#endasm
}
->callExampleCFunc();
callExampleCFunc();
2.3.3
File assembly mode
etpu_asm_converter.exe -a asm_input.txt
Table 1.
File assemble mode
asm_input.txt:
asm_input.txt.converted.asm:
chan write_mera; ram p -> (diob).
alu a = a - p.
alu p =<< mach + 0x0.
erw1 ;
st p,*diob
sub a,a,p
addi.shl p,mach,0x0


Similar Part No. - AN3349

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN334 SILABS-AN334 Datasheet
1Mb / 44P
   ANSI C REFERENCE DESIGN WITH OPTIONAL NON-VOLATILE OUTPUT FREQUENCY
logo
STMicroelectronics
AN3340 STMICROELECTRONICS-AN3340 Datasheet
3Mb / 24P
   Loudspeaker characterization and compensation
logo
Panasonic Semiconductor
AN3341SC PANASONIC-AN3341SC Datasheet
52Kb / 4P
   6-Head VCR Recording/Playback Amplifier IC
logo
STMicroelectronics
AN3342 STMICROELECTRONICS-AN3342 Datasheet
1Mb / 39P
   Getting started with STM8TL5xxx
AN3348 STMICROELECTRONICS-AN3348 Datasheet
81Kb / 10P
   Porting eTPU code to eTPU compiler
More results

Similar Description - AN3349

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3348 STMICROELECTRONICS-AN3348 Datasheet
81Kb / 10P
   Porting eTPU code to eTPU compiler
AN3350 STMICROELECTRONICS-AN3350 Datasheet
1Mb / 185P
   eTPU compiler tools
AN2618 STMICROELECTRONICS-AN2618 Datasheet
309Kb / 23P
   eTPU host interface
AN2577 STMICROELECTRONICS-AN2577 Datasheet
287Kb / 34P
   Using the eTPU angle clock
logo
Motorola, Inc
ETPURM MOTOROLA-ETPURM Datasheet
9Mb / 346P
   Enhanced Time Processing Unit (eTPU)
logo
Freescale Semiconductor...
MCF523X FREESCALE-MCF523X Datasheet
1Mb / 44P
   DC Motor with Speed and Current Closed Loops, Driven by eTPU on
logo
Powerex Power Semicondu...
PP150T120-02 POWEREX-PP150T120-02 Datasheet
347Kb / 6P
   POW-R-PAK 150A / 1200V 3 ph IGBT converter assembly
logo
Solid States Devices, I...
PM0007 SSDI-PM0007 Datasheet
39Kb / 2P
   CONVERTER
PM0006 SSDI-PM0006 Datasheet
113Kb / 2P
   CONVERTER
logo
Pepperl+Fuchs Inc.
VAZ-R4-R2 PF-VAZ-R4-R2 Datasheet
141Kb / 1P
   Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com