Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3131-238 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3131-238
Description  KR Electronics part number 3131-23.8 is a 23.8 MHz bandpass
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3131-238 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3131-238 Datasheet HTML 1Page - KR Electronics, Inc. 3131-238 Datasheet HTML 2Page - KR Electronics, Inc. 3131-238 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2014, KR Electronics, Inc.
3131-23.8, 23.8 MHz Bandpass, Rev 0, February 14, 2014
Parameter
Specification
Filter type
Bandpass
Center Frequency
23.8 MHz
Insertion Loss
2 dB max
1 dB Bandwidth
5.1 MHz min
3 dB Bandwidth
8 MHz typical
40 dB Bandwidth
10.8 MHz typical
Rejection at 16.5 MHz
80 dB min
Source and Load
50

Notes
1 dB typical
21.25 MHz to 26.35 MHz
Rejection at 31.3 MHz
80 dB min
KR Electronics 3131-23.8
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1. SMA(F) to SMA(M)
2. Mounting Inserts 2x 2-56
3. Dimensions in inches


Similar Part No. - 3131-238

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3131-23.8 KR-3131-23.8 Datasheet
87Kb / 3P
   23.8 MHz Center Frequency
More results

Similar Description - 3131-238

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3131-4.23 KR-3131-4.23 Datasheet
88Kb / 3P
   KR Electronics part number 3131-4.23 is a 4.23 MHz bandpass filter.
3295 KR-3295 Datasheet
58Kb / 3P
   KR Electronics part number 3295 is a 400 MHz bandpass filter
3318 KR-3318 Datasheet
80Kb / 3P
   KR Electronics part number 3318 is a 300 MHz bandpass filter
3315 KR-3315 Datasheet
115Kb / 3P
   KR Electronics part number 3315 is a 31.6 MHz Bandpass filter
3359 KR-3359 Datasheet
117Kb / 3P
   KR Electronics part number 3359 is a 48 MHz Bandpass filter.
3265 KR-3265 Datasheet
51Kb / 3P
   KR Electronics part number 3265 is a 387.5 MHz bandpass filter
3264 KR-3264 Datasheet
58Kb / 3P
   KR Electronics part number 3264 is a 230 MHz Bandpass filter
3302 KR-3302 Datasheet
71Kb / 3P
   KR Electronics part number 3302 is a 300 MHz bandpass filter
3330 KR-3330 Datasheet
84Kb / 3P
   KR Electronics part number 3330 is a 153.6 MHz Bandpass filter
3322 KR-3322 Datasheet
80Kb / 3P
   KR Electronics part number 3322 is a 466 MHz bandpass filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com