Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT7466 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TAT7466
Description  75 RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7466 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TAT7466_15 Datasheet HTML 1Page - TriQuint Semiconductor TAT7466_15 Datasheet HTML 2Page - TriQuint Semiconductor TAT7466_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT7466_15 Datasheet HTML 4Page - TriQuint Semiconductor TAT7466_15 Datasheet HTML 5Page - TriQuint Semiconductor TAT7466_15 Datasheet HTML 6Page - TriQuint Semiconductor TAT7466_15 Datasheet HTML 7Page - TriQuint Semiconductor TAT7466_15 Datasheet HTML 8Page - TriQuint Semiconductor TAT7466_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TAT7466
75 Ω
RF Amplifier
Preliminary Data Sheet: Rev B 12/08/10
- 5 of 11 -
Disclaimer: Subject to change without noticee
© 2010 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Application Circuit For 2:1 Push-Pull Amplifier 50-1000 MHz
1
2
3
4
1
2
3
4
1
C7
C8
L1
L2
TAT7466 APPLICATION SCHEMATIC
PADDLE
BACKSIDE
SOIC-8
TAT 7466
1
2
3
4
8
7
6
5
L5
RF
INPUT
VDD
+6V
VDD
INPUT
OUTPUT
C1
C2
C3
C4
C5
C6
1:2
2:1
RBIAS
RBIAS
C9
C10
L3
L4
A
INPUT
B
A
OUTPUT
B
RF
OUT
T1
T2
245mA
Notes:
50-2600 MHz Application Board Typical Performance
Bill of Material
Ref. Desg. Value
Description
Manufacturer Part Number
U1
75 Ω dual pHEMT Amplifier
TriQuint
TAT7466
L1, L2, L5
880 nH
Chip Coil, Vertical Wire Wound Ferrite, 1206,
30 %
Murata
LQH31HNR88K
L3, L4
3.9 nH
Chip Coil, 0402, 5 %
Coilcraft
0402CS-3N9XJLW
C1, C2, C4,
C5, C6, C7, C 8
0.01 uF
Ceramic Chip Cap., 0402, 16 V, 10 %, X7R
AVX
1
0402YC103KAT
C3, C4
150 pF
Ceramic Chip Cap., 0402, 16 V, 10 %, X7R
AVX
1
04025A151JAT2A
C9, C10
0.5 pF
Ceramic Chip Cap., 0402, 16 V, 10 %, X7R
AVX
1
04025A005BAT9A
T1, T2
2:1 Xformer
Transmission Line Balun Transformer, 75
,
5 –1200 MHz
M/A COM
MABA-007681-
CT2010
RBIAS
No Load
2
Reference Designator for Resistor, 0402
1.
Please contact TriQuint for PCB layout
2.
Pins 2, 3, 6, and 7 are no connect internally
Notes:
1.
Or equivalent.
2.
RBIAS is used to reduce IDD to optimum value for given application.


Similar Part No. - TAT7466_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7460 TRIQUINT-TAT7460 Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
TAT7460-EVB TRIQUINT-TAT7460-EVB Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A TRIQUINT-TAT7460B1A Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A-EVB TRIQUINT-TAT7460B1A-EVB Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A TRIQUINT-TAT7460B1A_15 Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
More results

Similar Description - TAT7466_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7461 TRIQUINT-TAT7461 Datasheet
707Kb / 8P
   75  RF Amplifier
logo
M/A-COM Technology Solu...
MAAM-011117 MA-COM-MAAM-011117 Datasheet
986Kb / 6P
   75??, 5V RF Amplifier
logo
TriQuint Semiconductor
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
   CATV 75 HEMT Dual RF Amplifier
TAT7457 TRIQUINT-TAT7457_15 Datasheet
839Kb / 10P
   75 HEMT Adjustable Gain RF Amplifier
logo
Qorvo, Inc
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
TriQuint Semiconductor
TAT7469 TRIQUINT-TAT7469_15 Datasheet
484Kb / 11P
   CATV 75 HEMT Dual RF Amplifier
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
logo
TriQuint Semiconductor
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
   75 Ohm RF Amplifier 50 1000 MHz
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
   CATV 75 HEMT High Gain RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com