Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY20AAH-8F Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CY20AAH-8F
Description  Nch IGBT for Strobe Flasher
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CY20AAH-8F Datasheet(HTML) 4 Page - Renesas Technology Corp

  CY20AAH-8F_15 Datasheet HTML 1Page - Renesas Technology Corp CY20AAH-8F_15 Datasheet HTML 2Page - Renesas Technology Corp CY20AAH-8F_15 Datasheet HTML 3Page - Renesas Technology Corp CY20AAH-8F_15 Datasheet HTML 4Page - Renesas Technology Corp CY20AAH-8F_15 Datasheet HTML 5Page - Renesas Technology Corp CY20AAH-8F_15 Datasheet HTML 6Page - Renesas Technology Corp CY20AAH-8F_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY20AAH-8F
Rev.2.00,
Nov 29, 2005,
page 2 of 4
Electrical Characteristics
(Tj = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-emitter breakdown voltage
V(BR)CES
450
V
IC = 1 mA, VGE = 0 V
Collector-emitter leakage current
ICES
10
µA
VCE = 400 V, VGE = 0 V
Gate-emitter leakage current
IGES
±10
µA
VGE =
±6 V, VCS = 0 V
Gate-emitter threshold voltage
VGE(th)
0.4
0.6
1.2
V
IC = 1 mA, VCE = 10 V
Collector-Emitter saturation voltage
VCE(sat)
3.5
7.0
V
IC = 130 A, VGE = 2.5 V
Input capacitance
Cies
5500
pF
VCE = 25 V, VGS = 0 V,
f = 1MHz
Performance Curves
Maximum Collector Current vs.
Gate - Emitter Voltage
0
20
40
60
80
100
120
140
160
012
34
6
5
Gate - Emitter Voltage VGE (V)
TC = 70°C
CM = 400 µF
RG = 68 Ω


Similar Part No. - CY20AAH-8F_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CY20AAH-8F RENESAS-CY20AAH-8F Datasheet
98Kb / 5P
   Nch IGBT for Strobe Flasher
More results

Similar Description - CY20AAH-8F_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CY20AAJ-8F RENESAS-CY20AAJ-8F Datasheet
196Kb / 5P
   Nch IGBT for Strobe Flasher
CY25AAJ-8F RENESAS-CY25AAJ-8F Datasheet
102Kb / 5P
   Nch IGBT for Strobe Flasher
logo
Powerex Power Semicondu...
CY20AAJ-8F POWEREX-CY20AAJ-8F Datasheet
21Kb / 2P
   Nch IGBT for STROBE FLASHER
logo
Renesas Technology Corp
CT40KM-8H RENESAS-CT40KM-8H Datasheet
110Kb / 5P
   Nch IGBT for Strobe Flasher
CY20AAJ-8H RENESAS-CY20AAJ-8H Datasheet
73Kb / 5P
   Nch IGBT for Strobe Flasher
CY25BAH-8F RENESAS-CY25BAH-8F Datasheet
177Kb / 5P
   Nch IGBT for Strobe Flasher
Rev.3.00,Nov 29, 2005,
CY20AAH-8F RENESAS-CY20AAH-8F Datasheet
98Kb / 5P
   Nch IGBT for Strobe Flasher
CT40KM-8H RENESAS-CT40KM-8H_05 Datasheet
61Kb / 5P
   Nch IGBT for Strobe Flasher
logo
Powerex Power Semicondu...
CY25AAJ-8F POWEREX-CY25AAJ-8F Datasheet
21Kb / 2P
   Nch IGBT for STROBE FLASHER
logo
Renesas Technology Corp
RJP4009ANS RENESAS-RJP4009ANS_15 Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com