Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5N5006DL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H5N5006DL
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N5006DL Datasheet(HTML) 4 Page - Renesas Technology Corp

  H5N5006DL_15 Datasheet HTML 1Page - Renesas Technology Corp H5N5006DL_15 Datasheet HTML 2Page - Renesas Technology Corp H5N5006DL_15 Datasheet HTML 3Page - Renesas Technology Corp H5N5006DL_15 Datasheet HTML 4Page - Renesas Technology Corp H5N5006DL_15 Datasheet HTML 5Page - Renesas Technology Corp H5N5006DL_15 Datasheet HTML 6Page - Renesas Technology Corp H5N5006DL_15 Datasheet HTML 7Page - Renesas Technology Corp H5N5006DL_15 Datasheet HTML 8Page - Renesas Technology Corp H5N5006DL_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
H5N5006DL, H5N5006DS
Rev.1.00, May 30, 2006, page 2 of 7
Electrical Characteristics
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
500
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 500 V, VGS = 0
Gate to source leak current
IGSS
±0.1
µA
VGS = ±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3.0
4.5
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|
1.5
2.5
S
ID = 1.5 A, VDS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
2.5
3.0
ID = 1.5 A, VGS = 10 V
Note4
Input capacitance
Ciss
365
pF
Output capacitance
Coss
35
pF
Reverse transfer capacitance
Crss
8
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
20
ns
Rise time
tr
12
ns
Turn-off delay time
td(off)
48
ns
Fall time
tf
15
ns
VDD
≅ 250 V, ID = 1.5 A
VGS = 10 V
RL = 167
Rg = 10
Total gate charge
Qg
14
nC
Gate to source charge
Qgs
2
nC
Gate to drain charge
Qgd
8
nC
VDD = 400 V
VGS = 10 V
ID = 3 A
Body-drain diode forward voltage
VDF
0.85
1.3
V
IF = 3 A, VGS = 0
Note4
Body-drain diode reverse recovery
time
trr
270
ns
Body-drain diode reverse recovery
charge
Qrr
0.8
µC
IF = 3 A, VGS = 0
diF/dt = 100 A/
µs
Notes: 4. Pulse test


Similar Part No. - H5N5006DL_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N5006DL-E RENESAS-H5N5006DL-E Datasheet
93Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H5N5006DL_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com