Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT8804D1H Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TAT8804D1H
Description  21 dB CATV 12V Power Doubler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8804D1H Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TAT8804D1H_15 Datasheet HTML 2Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 4Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 5Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 6Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 7Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 8Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 9Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TAT8804D1H
21 dB CATV 12V Power Doubler
Performance Plots − TAT8804D1H-EB
Test conditions unless otherwise noted: VDD
 =+12 V, Heatsink Temp. = +35 °C
79 Chan. NTSC + 75 Chan. QAM (
−6 dB offset), EQ Vout = +56 to +60 dBmV with 15.6 dB tilt
49
50
51
52
53
54
55
56
57
58
59
0
100
200
300
400
500
600
700
800
900 1000
Frequency (MHz)
IP3 vs. Frequency
+85°C
+35°C
−40°C
70
72
74
76
78
80
82
84
86
0
100
200
300
400
500
600
Frequency (MHz)
CTB vs. Frequency
56dBmV
57 dBmV
58 dBmV
59 dBmV
60 dBmV
Temp.=+35°C
72
74
76
78
80
82
84
86
88
0
100
200
300
400
500
600
Frequency (MHz)
CTN vs. Frequency
56 dBmV
57 dBmV
58 dBmV
59 dBmV
60 dBmV
Temp.=+35°C
54
56
58
60
62
64
66
68
70
0
100
200
300
400
500
600
Frequency (MHz)
CCN vs. Frequency
56 dBmV
57 dBmV
58 dBmV
59 dBmV
60 dBmV
Temp.=+35°C
54
56
58
60
62
64
66
68
70
0
100
200
300
400
500
600
Frequency (MHz)
CIN vs. Frequency
56 dBmV
57 dBmV
58 dBmV
59 dBmV
60 dBmV
Temp.=+35°C
61
62
63
64
65
66
67
68
0
100
200
300
400
500
600
Frequency (MHz)
XMOD vs. Frequency
56 dBmV
57 dBmV
58 dBmV
59 dBmV
60 dBmV
Temp.=+35°C
68
70
72
74
76
78
80
82
84
86
0
100
200
300
400
500
600
Frequency (MHz)
Aggregate CSO vs. Frequency
56 dBmV
57 dBmV
58 dBmV
59 dBmV
60 dBmV
Temp.=+35°C
Datasheet: Rev I 06-23-14
- 6 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TAT8804D1H_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8801A1H TRIQUINT-TAT8801A1H Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT8801A1H-PCB TRIQUINT-TAT8801A1H-PCB Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
More results

Similar Description - TAT8804D1H_15

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
   1 GHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
logo
California Eastern Labs
MC-7862G CEL-MC-7862G Datasheet
27Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7862 NEC-MC-7862 Datasheet
22Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7866G NEC-MC-7866G Datasheet
23Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7862 CEL-MC-7862 Datasheet
25Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7862G NEC-MC-7862G Datasheet
24Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com