Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT8804D1H Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TAT8804D1H
Description  21 dB CATV 12V Power Doubler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8804D1H Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TAT8804D1H_15 Datasheet HTML 1Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 2Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 4Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 5Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 6Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 7Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 8Page - TriQuint Semiconductor TAT8804D1H_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TAT8804D1H
21 dB CATV 12V Power Doubler
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Device Voltage (VDD)
12
V
Tj for >106 hours MTTF
165
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−40 to 100 °C
Operating Temperature
−40 to 85 °C
Device Voltage (VDD)
+18
 V
Device Current (IDD)
750
 mA
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted:
VDD
=+12V, Heatsink Temp.=+35°C, ZIn/Out =75 Ω using evaluation board EB
Includes input and output balun/transformer losses of tuned application circuit,
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
50
1200(1)
MHz
Current (IDD)
550
650
720
mA
Gain
fo= 50 & 1003 MHz
EVB: EB
21
dB
EVB: EBP5
19.5
Gain Flatness
50 to 1003 MHz(2)
-0.5
+0.5
Gain Tilt
50 to 1003 MHz(3)
+0.6
Input Return Loss
fo= 50 MHz
25
dB
fo= 1003 MHz
17
fo = 1200 MHz
16
Output Return Loss
fo= 50 MHz
20
dB
fo= 1003 MHz
17
fo = 1200 MHz
12
Overdrive VSWR Mismatch
Tolerance
79 Ch. NTSC + 75 Ch. QAM,
−6 dB offset,
Vin = +44 dBmV per channel
EVB: EB
1.37:1
(16)
VSWR
(dB)
EVB: EBP5
5.85:1
(3)
CSO
79 Ch. NTSC + 75 Ch. QAM,
−6 dB offset EQ
Vout
 = +58 dBmV with 15.6 dB tilt
Note 4
−73
−68
dBc
CTB
−79
−70
dBc
XMOD
−62
dBc
CCN
60
64
dB
OIP2
f1- f2= 50
 MHz, +17 dBm / tone
Note 4
85
dBm
OIP3
49
dBm
P1dB
fo= 50 & 1003 MHz
34
dBm
Noise Figure
4.5
dB
Thermal Resistance, θjb
Junction to base
5.5
°C/W
Notes:
1. Useable S21 Bandwidth can extend to 1200 MHz with some S11 & S22 degradation
2. Using least squares fit across the band 50 to 1003 MHz
3. Gain of S211003MHz - S2150MHz
4. Standard EB configuration (EVB without protection).
5. EBP – Evaluation board with protection
Datasheet: Rev I 06-23-14
- 2 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TAT8804D1H_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8801A1H TRIQUINT-TAT8801A1H Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT8801A1H-PCB TRIQUINT-TAT8801A1H-PCB Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
More results

Similar Description - TAT8804D1H_15

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
   1 GHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
logo
California Eastern Labs
MC-7862G CEL-MC-7862G Datasheet
27Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7862 NEC-MC-7862 Datasheet
22Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7866G NEC-MC-7866G Datasheet
23Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7862 CEL-MC-7862 Datasheet
25Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7862G NEC-MC-7862G Datasheet
24Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com