Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT8804D1H Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TAT8804D1H
Description  21 dB CATV 12V Power Doubler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8804D1H Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TAT8804D1H Datasheet HTML 3Page - TriQuint Semiconductor TAT8804D1H Datasheet HTML 4Page - TriQuint Semiconductor TAT8804D1H Datasheet HTML 5Page - TriQuint Semiconductor TAT8804D1H Datasheet HTML 6Page - TriQuint Semiconductor TAT8804D1H Datasheet HTML 7Page - TriQuint Semiconductor TAT8804D1H Datasheet HTML 8Page - TriQuint Semiconductor TAT8804D1H Datasheet HTML 9Page - TriQuint Semiconductor TAT8804D1H Datasheet HTML 10Page - TriQuint Semiconductor TAT8804D1H Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TAT8804D1H
21 dB CATV 12V Power Doubler
TAT8804D1H-EBP Evaluation Board (With VSWR & Overdrive Protection)
An RF overdrive situation exists if the tilt and pads commonly used before an output doubler are set to low levels during system turn
up. Normally such overdrive is not a problem except when the output coax is not terminated. A full reflection at worst case phase
may damage unprotected and overdriven amplifiers.
An output protection scheme has been worked out for cases where customers cannot ensure that input RF overdrive and full
reflections from the output coaxial network will not simultaneously occur. The scheme works by adding additional protection
elements to the TAT8804 application circuit and in conjunction with the nominal 2.5 to 3.0 dB loss from output couplers, power
inserters, and diplexer filters present in nearly all actives today. The circuit below protects the TAT8804 for an input +44 dBmV/ch
FLAT (79 Ch. NTSC+ 75 Ch. QAM at -6 dB offset) condition and a full reflection of any phase after a 3 dB output loss. The
inclusion of additional protection elements to this application circuit results in a small degradation in output performance. For more
detailed discussion of this application, consult TriQuint Applications Engineering.
C16
C3
C4
R1
L4
L3
T1
J1
J2
U1
L6
J3
L2
T2
C15
text
1109707AW REV A
1109707PC REV A
C16
C3
C4
R1
L4
L3
T1
U1
L6
J3
L2
T2
C15
text
AW REV A
PC REV A
Datasheet: Rev I 06-23-14
- 7 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TAT8804D1H

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8801A1H TRIQUINT-TAT8801A1H Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT8801A1H-PCB TRIQUINT-TAT8801A1H-PCB Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
More results

Similar Description - TAT8804D1H

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
   1 GHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
logo
California Eastern Labs
MC-7862G CEL-MC-7862G Datasheet
27Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7862 NEC-MC-7862 Datasheet
22Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7866G NEC-MC-7866G Datasheet
23Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7862 CEL-MC-7862 Datasheet
25Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7862G NEC-MC-7862G Datasheet
24Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com