Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT8858A1H Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TAT8858A1H
Description  CATV Infrastructure Push-Pull Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8858A1H Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TAT8858A1H_15 Datasheet HTML 7Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 8Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 9Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 10Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 11Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 12Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 13Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 14Page - TriQuint Semiconductor TAT8858A1H_15 Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TAT8858A1H
CATV Infrastructure Push-Pull Amplifier
Data Sheet: Rev C 10/21/13
- 11 of 25 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Performance Plots – 28 dB Gain Reference Design
Test conditions unless otherwise noted: VCC=+24 V, IDD = 270 mA, TCASE = +25
°C, 75 Ω system
50
52
54
56
58
60
62
64
66
68
70
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
0
100
200
300
400
500
600
Freq
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
200
400
600
800
1000
1200
Freq (MHz)
Noise Figure
TAT8858 28 dB Configuration
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
20
40
60
80
100
Freq (MHz)
Low End Noise Figure
TAT8858 28 dB Configuration


Similar Part No. - TAT8858A1H_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT8853 ETC2-TAT8853 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8854 ETC2-TAT8854 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8855 ETC2-TAT8855 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8856 ETC2-TAT8856 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
logo
TriQuint Semiconductor
TAT8857 TRIQUINT-TAT8857 Datasheet
539Kb / 8P
   CATV Doubler ??Hybrid RFIC
More results

Similar Description - TAT8858A1H_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010144 MA-COM-MAAM-010144_15 Datasheet
875Kb / 7P
   Push Pull CATV Amplifier
MAAM-011177 MA-COM-MAAM-011177 Datasheet
1Mb / 15P
   Push-Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044_15 Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
   Push Pull CATV Amplifier
logo
List of Unclassifed Man...
AG606 ETC1-AG606 Datasheet
503Kb / 6P
   Push-Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455 Datasheet
285Kb / 6P
   Push Pull CATV Amplifier
MAAM-009455 MA-COM-MAAM-009455_15 Datasheet
925Kb / 7P
   Push Pull CATV Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com