Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT8858A1H-PCB24V Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TAT8858A1H-PCB24V
Description  CATV Infrastructure Push-Pull Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8858A1H-PCB24V Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TAT8858A1H-PCB24V Datasheet HTML 2Page - TriQuint Semiconductor TAT8858A1H-PCB24V Datasheet HTML 3Page - TriQuint Semiconductor TAT8858A1H-PCB24V Datasheet HTML 4Page - TriQuint Semiconductor TAT8858A1H-PCB24V Datasheet HTML 5Page - TriQuint Semiconductor TAT8858A1H-PCB24V Datasheet HTML 6Page - TriQuint Semiconductor TAT8858A1H-PCB24V Datasheet HTML 7Page - TriQuint Semiconductor TAT8858A1H-PCB24V Datasheet HTML 8Page - TriQuint Semiconductor TAT8858A1H-PCB24V Datasheet HTML 9Page - TriQuint Semiconductor TAT8858A1H-PCB24V Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TAT8858A1H
CATV Infrastructure Push-Pull Amplifier
Data Sheet: Rev C 10/21/13
- 6 of 25 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
TAT8858A1H-PCB 12V Evaluation Board Layout
U1
T1
T2
L7
C7
R1
R5
L8
C31
C3
C30
C4
R2
C8
R6
R30
Ra
Rb
R9
R10
C13
R20
C15
L13
L14
C16
R21
C14
R11
R12
R19
R18
L20
C22
L30 C2
R31
R32
TAT8858A1H-PCB 12V Schematic
R5
R1
C7
R3
R31
C31
C3
RF
Input
1
3
2
4
1
2
3
4
5
6
7
8
U1
TAT8857F3
16
15
14
13
12
11
10
9
R11
Cgate
Vgate
Vbias
Vgate
C25
R18
R19
L20
C24
+12V
GND
L8
R30
L13
R13
C13
R20
L9
R7
C9
L5
R9
L41
T2
1
3
2
4
C2
L30
C22
Vbias
RF
Output
L17
R15
L19
L11
C41
Vbias
Ra
C15
J1
R32
L10
C30
C4
C8
R4
R2
R6
R12
L14
R14
R8
C10
L6
R10
L42
C14
C42
Vbias
L12
Rb
L18
R16
R21
C16


Similar Part No. - TAT8858A1H-PCB24V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT8853 ETC2-TAT8853 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8854 ETC2-TAT8854 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8855 ETC2-TAT8855 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
TAT8856 ETC2-TAT8856 Datasheet
250Kb / 4P
   Pigtailed PD for analog application
logo
TriQuint Semiconductor
TAT8857 TRIQUINT-TAT8857 Datasheet
539Kb / 8P
   CATV Doubler ??Hybrid RFIC
More results

Similar Description - TAT8858A1H-PCB24V

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010144 MA-COM-MAAM-010144_15 Datasheet
875Kb / 7P
   Push Pull CATV Amplifier
MAAM-011177 MA-COM-MAAM-011177 Datasheet
1Mb / 15P
   Push-Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044_15 Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
   Push Pull CATV Amplifier
logo
List of Unclassifed Man...
AG606 ETC1-AG606 Datasheet
503Kb / 6P
   Push-Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455 Datasheet
285Kb / 6P
   Push Pull CATV Amplifier
MAAM-009455 MA-COM-MAAM-009455_15 Datasheet
925Kb / 7P
   Push Pull CATV Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com