Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1073G-SCC Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA1073G-SCC
Description  19 to 27 GHz Medium Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1073G-SCC Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TGA1073G-SCC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA1073G-SCC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA1073G-SCC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA1073G-SCC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA1073G-SCC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA1073G-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA1073G-SCC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA1073G-SCC_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TGA1073G-SCC
19 to 27 GHz Medium Power Amplifier
Datasheet: Rev A 02-24-15
- 8 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web:
www.triquint.com
Tel:
+1.972.994.8465
Email: info-sales@triquint.com
Fax:
+1.972.994.8504
For technical questions and application information:
Email: info-networks@triquint.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein.
TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user.
All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: TBD
Value:
TBD
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ECCN
US Department of Commerce EAR99


Similar Part No. - TGA1073G-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073G-SCC TRIQUINT-TGA1073G-SCC Datasheet
586Kb / 6P
   19 - 27 GHz Medium Power Amplifier
More results

Similar Description - TGA1073G-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073G TRIQUINT-TGA1073G Datasheet
586Kb / 6P
   19 - 27 GHz Medium Power Amplifier
TGA4036 TRIQUINT-TGA4036_15 Datasheet
303Kb / 11P
   19 to 38 GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
   19 -38 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
TGA4509 TRIQUINT-TGA4509_15 Datasheet
284Kb / 8P
   27 to 31 GHz 1W Power Amplifier
logo
United Monolithic Semic...
CHA3396-QDG UMS-CHA3396-QDG_15 Datasheet
523Kb / 16P
   27-33.5GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4036 TRIQUINT-TGA4036 Datasheet
232Kb / 10P
   19 - 38GHz Medium Power Amplifier
TGA4513 TRIQUINT-TGA4513_15 Datasheet
274Kb / 10P
   27 to 31 GHz 2W Balanced Power Amplifier
logo
Analog Devices
HMC1132PM5E AD-HMC1132PM5E Datasheet
349Kb / 17P
   27 GHz to 32 GHz, GaAs, pHEMT, MMIC Power Amplifier
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
   18-27 GHz 1W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com