Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1073G-SCC Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA1073G-SCC
Description  19 to 27 GHz Medium Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1073G-SCC Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TGA1073G-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA1073G-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA1073G-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA1073G-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA1073G-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA1073G-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA1073G-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA1073G-SCC Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TGA1073G-SCC
19 to 27 GHz Medium Power Amplifier
Datasheet: Rev A 02-24-15
- 6 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Mechanical Characteristics
Notes:
1. All dimensions are in millimeters (inches). Angles are in degrees.


Similar Part No. - TGA1073G-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073G-SCC TRIQUINT-TGA1073G-SCC Datasheet
586Kb / 6P
   19 - 27 GHz Medium Power Amplifier
More results

Similar Description - TGA1073G-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073G TRIQUINT-TGA1073G Datasheet
586Kb / 6P
   19 - 27 GHz Medium Power Amplifier
TGA4036 TRIQUINT-TGA4036_15 Datasheet
303Kb / 11P
   19 to 38 GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
   19 -38 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
TGA4509 TRIQUINT-TGA4509_15 Datasheet
284Kb / 8P
   27 to 31 GHz 1W Power Amplifier
logo
United Monolithic Semic...
CHA3396-QDG UMS-CHA3396-QDG_15 Datasheet
523Kb / 16P
   27-33.5GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4036 TRIQUINT-TGA4036 Datasheet
232Kb / 10P
   19 - 38GHz Medium Power Amplifier
TGA4513 TRIQUINT-TGA4513_15 Datasheet
274Kb / 10P
   27 to 31 GHz 2W Balanced Power Amplifier
logo
Analog Devices
HMC1132PM5E AD-HMC1132PM5E Datasheet
349Kb / 17P
   27 GHz to 32 GHz, GaAs, pHEMT, MMIC Power Amplifier
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
   18-27 GHz 1W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com