Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1328-SCC Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA1328-SCC
Description  DC-18GHz MPA with AGC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1328-SCC Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA1328-SCC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Product Data Sheet
8
TGA1328-SCC


Similar Part No. - TGA1328-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1328-SCC TRIQUINT-TGA1328-SCC Datasheet
457Kb / 10P
   DC-18GHz MPA with AGC
More results

Similar Description - TGA1328-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1328-SCC TRIQUINT-TGA1328-SCC Datasheet
457Kb / 10P
   DC-18GHz MPA with AGC
TGA4803 TRIQUINT-TGA4803_15 Datasheet
565Kb / 9P
   DC to 50 GHz MPA with AGC
TGA4803 TRIQUINT-TGA4803 Datasheet
570Kb / 9P
   DC to >50 GHz MPA with AGC
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
logo
Vishay Barry
T50R0-40-17X BARRY-T50R0-40-17X Datasheet
160Kb / 2P
   40W DC-18GHz BeO Flanged Termination
REV.A MAR 22 2017
T50R0-40-16X BARRY-T50R0-40-16X Datasheet
154Kb / 2P
   40W DC-18GHz BeO Flanged Termination
REV.A MAR 22 2017
logo
TriQuint Semiconductor
TGS2306 TRIQUINT-TGS2306_15 Datasheet
361Kb / 8P
   High Power DC - 18GHz SPDT FET Switch
logo
Pasternack Enterprises,...
PE6090 PASTERNACK-PE6090 Datasheet
86Kb / 1P
   TNC MALE PRECISION TERMINATION WITH CHIN FREQUENCY RANGE: DC TO 18GHz
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com