Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1328-SCC Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA1328-SCC
Description  DC-18GHz MPA with AGC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1328-SCC Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA1328-SCC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA1328-SCC_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Product Data Sheet
1
DC-18GHz MPA with AGC
TGA1328-SCC
OC-192 12.5GB/s LN/MZ Driver and Receive AGC Applications
Key Features and Performance
0.5um pHEMT Technology
DC - 14GHz Linear Bandwidth
DC -18GHz Saturated Power BW
16dB Small Signal Gain
6dB AGC Range
20ps Edge Rates (20/80)
8Vpp 12.5Gb/s NRZ PRBS
4dB Noise Figure @ 10GHz
Low power dissipation
Chip Dimensions 3.4mm x 2.3mm
Primary Applications
12.5GBit OC192 LN/MZ Driver
12.5GBit OC192 AGC Receive
Description
The TriQuint TGA1328-SCC is a medium power
wideband AGC amplifier that typically provides 12dB
saturated gain with 6dB AGC range. Typical input and
output return loss is >10dB. Typical Noise Figure is
2.5dB at 3GHz. Minimum saturated output power is
25dBm. Small signal BW is near 14GHz with saturated
power performance to 18GHz. RF ports are DC coupled
enabling the user to customize system corner
frequencies.
The TGA1328-SCC is an excellent choice for 9.9, 10.7,
and 12.5Gb/s NRZ applications driving a Lithium Niobate
Optical Modulator with electrical Non-Return-to-Zero
(NRZ) data. In addition it may be used as a receive AGC
amplifier.
Drain bias may be applied thru the on-chip drain
termination resistor for low drive applications or thru the
RF output port for high drive applications.
The TGA1328-SCC requires off-chip decoupling and
blocking components. Each device is 100% DC and RF
tested on-wafer to ensure performance compliance.
The TGA1328SCC is available in chip form or assembled
into a surface mount package (see the TGA8652-EPU
data sheet for more information on the SMT package).
February 14, 2008
12.5 Gb/s eye: 8V(amp) **
Measured 12.5Gb/s Performance
** Input 12.5Gb/s data stream generated
using an Anritsu PPG (Vin=2Vpp).
12.5Gb/s NRZ 2^31-1
Single Stage


Similar Part No. - TGA1328-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1328-SCC TRIQUINT-TGA1328-SCC Datasheet
457Kb / 10P
   DC-18GHz MPA with AGC
More results

Similar Description - TGA1328-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1328-SCC TRIQUINT-TGA1328-SCC Datasheet
457Kb / 10P
   DC-18GHz MPA with AGC
TGA4803 TRIQUINT-TGA4803_15 Datasheet
565Kb / 9P
   DC to 50 GHz MPA with AGC
TGA4803 TRIQUINT-TGA4803 Datasheet
570Kb / 9P
   DC to >50 GHz MPA with AGC
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
logo
Vishay Barry
T50R0-40-17X BARRY-T50R0-40-17X Datasheet
160Kb / 2P
   40W DC-18GHz BeO Flanged Termination
REV.A MAR 22 2017
T50R0-40-16X BARRY-T50R0-40-16X Datasheet
154Kb / 2P
   40W DC-18GHz BeO Flanged Termination
REV.A MAR 22 2017
logo
TriQuint Semiconductor
TGS2306 TRIQUINT-TGS2306_15 Datasheet
361Kb / 8P
   High Power DC - 18GHz SPDT FET Switch
logo
Pasternack Enterprises,...
PE6090 PASTERNACK-PE6090 Datasheet
86Kb / 1P
   TNC MALE PRECISION TERMINATION WITH CHIN FREQUENCY RANGE: DC TO 18GHz
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com