Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2216-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2216-SM
Description  0.1 3.0GHz 10W GaN Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2216-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2216-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA2216-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2216-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2216-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2216-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2216-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2216-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2216-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2216-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TGA2216-SM
0.1
– 3.0GHz 10W GaN Power Amplifier
Preliminary Datasheet: Rev - 05-05-14
- 2 of 18 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Value
Drain Voltage (VD)
80V
Gate Voltage Range (VG1)
-8 to 0V
Gate Voltage Range (VG2)
0 to 40V
Drain Current (ID)
760mA
Gate Current (IG1)
-5 to 5.6mA
Gate Current (IG2)
-5 to 5.6mA
Power Dissipation (PDISS), 85°C
28W
Input Power (PIN), CW, 50 Ω, 85°C,
33dBm
Input Power (PIN), CW, VSWR 10:1,
VD = 40V, 85°C
27dBm
Channel Temperature (TCH)
275°C
Mounting Temperature
(30 Seconds)
320°C
Storage Temperature
-55 to 150°C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device at
these conditions is not implied.
Recommended Operating Conditions
Parameter
Value
Drain Voltage (VD)
40V
Drain Current (IDQ)
360mA
Gate Voltage (VG1)
-2.4V (Typ.)
Gate Voltage (VG2)
+17.7V (Typ.)
Electrical specifications are measured at specified test conditions.
Specifications
are
not
guaranteed
over
all
recommended
operating conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25
0C, V
D = 40V, IDQ = 360mA, VG1 = -2.4V Typical, VG2 = +17.7V Typical
Parameter
Min
Typical
Max
Units
Operational Frequency Range
0.1
3.0
GHz
Small Signal Gain
21
dB
Input Return Loss
> 8
dB
Output Return Loss
> 11
dB
Output Power (Pin = 27dBm)
> 40
dBm
Power Added Efficiency (Pin = 27dBm)
50 (mid band)
%
Power @ 1dB Compression (P1dB)
> 35
dBm
IM3 @ 120mA, POUT/tone = 30dBm
-25
dBc
IM5 @ 120mA, POUT/tone = 30dBm
-33
dBc
Small Signal Gain Temperature Coefficient
-0.03
dB/°C
Output Power Temperature Coefficient
-0.007
dBm/°C
Recommended Operating Voltage:
40
48
V


Similar Part No. - TGA2216-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2214 TRIQUINT-TGA2214 Datasheet
471Kb / 13P
   2 to 18 GHz 5W GaN Power Amplifier
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
   2 to 18 GHz 5W GaN Power Amplifier
logo
Qorvo, Inc
TGA2218-SM QORVO-TGA2218-SM Datasheet
748Kb / 15P
   13.4??6.5 GHz 12 W GaN Power Amplifier
TGA2218-SMEVB QORVO-TGA2218-SMEVB Datasheet
748Kb / 15P
   13.4??6.5 GHz 12 W GaN Power Amplifier
TGA2219-CP QORVO-TGA2219-CP Datasheet
460Kb / 15P
   13.4 ??16.5 GHz 25 W GaN Power Amplifier
More results

Similar Description - TGA2216-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2976-SM QORVO-TGA2976-SM Datasheet
1Mb / 18P
   0.1 ??3.0 GHz 10W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2237-SM TRIQUINT-TGA2237-SM_15 Datasheet
820Kb / 18P
   0.03 2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
   10W GaN Wide-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2237 TRIQUINT-TGA2237_15 Datasheet
662Kb / 16P
   0.03 2.5GHz 10W GaN Power Amplifier
TGA2583 TRIQUINT-TGA2583_15 Datasheet
598Kb / 15P
   2.7 3.7GHz 10W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2237 QORVO-TGA2237 Datasheet
662Kb / 16P
   0.03 ??2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
   10W GaN on SiC Power Amplifier Die
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM_15 Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
   0.1 ??3.0 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com