Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2216-SM Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA2216-SM
Description  0.1 3.0GHz 10W GaN Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2216-SM Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA2216-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2216-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2216-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2216-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2216-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2216-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2216-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2216-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA2216-SM Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TGA2216-SM
0.1
– 3.0GHz 10W GaN Power Amplifier
Preliminary Datasheet: Rev - 05-05-14
- 7 of 18 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Large Signal (CW)
The plots reflect performance measured with an external coaxial bias tee and DC blocks
(See application circuit on page 11)
35
36
37
38
39
40
41
42
43
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
Output Power vs. Freq vs. Input Power
22dBm
24dBm
26dBm
27dBm
Temp. = +25
°C
V
D = 40V, IDQ = 360mA
30
35
40
45
50
55
60
65
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
PAE vs. Frequency vs. Input Power
27dBm
26dBm
24dBm
22dBm
Temp. = +25
°C
V
D = 40V, IDQ = 360mA
20
22
24
26
28
30
32
34
36
38
40
42
0
3
6
9
12
15
18
21
24
27
Input Power (dBm)
Output Power vs. Input Power vs. Freq.
0.2GHz
1.0GHz
2.0GHz
3.0GHz
Temp. = +25
°C
V
D = 40V, IDQ = 360mA
0
10
20
30
40
50
60
0
3
6
9
12
15
18
21
24
27
Input Power (dBm)
PAE vs. Input Power vs. Freq.
0.2Ghz
1.0GHz
2.0GHz
3.0GHz
Temp. = +25
°C
V
D = 40V, IDQ = 360mA
100
200
300
400
500
600
700
0
3
6
9
12
15
18
21
24
27
Input Power (dBm)
Drain Current vs. Input Power vs. Freq.
0.2GHz
1.0GHz
2.0GHz
3.0GHz
Temp. = +25
°C
V
D = 40V, IDQ = 360mA


Similar Part No. - TGA2216-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2214 TRIQUINT-TGA2214 Datasheet
471Kb / 13P
   2 to 18 GHz 5W GaN Power Amplifier
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
   2 to 18 GHz 5W GaN Power Amplifier
logo
Qorvo, Inc
TGA2218-SM QORVO-TGA2218-SM Datasheet
748Kb / 15P
   13.4??6.5 GHz 12 W GaN Power Amplifier
TGA2218-SMEVB QORVO-TGA2218-SMEVB Datasheet
748Kb / 15P
   13.4??6.5 GHz 12 W GaN Power Amplifier
TGA2219-CP QORVO-TGA2219-CP Datasheet
460Kb / 15P
   13.4 ??16.5 GHz 25 W GaN Power Amplifier
More results

Similar Description - TGA2216-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2976-SM QORVO-TGA2976-SM Datasheet
1Mb / 18P
   0.1 ??3.0 GHz 10W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2237-SM TRIQUINT-TGA2237-SM_15 Datasheet
820Kb / 18P
   0.03 2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
   10W GaN Wide-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2237 TRIQUINT-TGA2237_15 Datasheet
662Kb / 16P
   0.03 2.5GHz 10W GaN Power Amplifier
TGA2583 TRIQUINT-TGA2583_15 Datasheet
598Kb / 15P
   2.7 3.7GHz 10W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2237 QORVO-TGA2237 Datasheet
662Kb / 16P
   0.03 ??2.5GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
   10W GaN on SiC Power Amplifier Die
logo
TriQuint Semiconductor
TGA2583-SM TRIQUINT-TGA2583-SM_15 Datasheet
772Kb / 13P
   2.7 to 3.7GHz, 10W GaN Power Amplifier
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
   0.1 ??3.0 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com