Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2237-SM Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA2237-SM
Description  0.03 2.5GHz 10W GaN Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2237-SM Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA2237-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2237-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2237-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2237-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2237-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2237-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2237-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA2237-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA2237-SM Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TGA2237-SM
0.03
– 2.5GHz 10W GaN Power Amplifier
Preliminary Datasheet: Rev - 06-03-14
- 8 of 18 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Linearity
The plots reflect performance measured with an external coaxial bias tee and DC blocks
(See application circuit on page 11)
-80
-70
-60
-50
-40
-30
-20
-10
0
5
10
15
20
25
30
35
40
Output Power per Tone (dBm)
IM3 vs. Output Power vs. I
DQ
V
D = 32V, 2.0GHz, 1MHz Tone Spacing
Temp. = +25
°C
I
DQ = 120 mA
I
DQ = 240 mA
I
DQ = 360 mA
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
5
10
15
20
25
30
35
40
Output Power per Tone (dBm)
IM5 vs. Output Power vs. I
DQ
V
D = 32V, 2.0GHz, 1MHz Tone Spacing
Temp. = +25
°C
I
DQ = 120 mA
I
DQ = 240 mA
I
DQ = 360 mA
-80
-70
-60
-50
-40
-30
-20
-10
0
5
10
15
20
25
30
35
40
Output Power per Tone (dBm)
IM3 vs. Output Power vs. Temperature
V
D = 32V, IDQ = 360mA, 2.0GHz, 1MHz Tone Spacing
-40
°C
+25
°C
+85
°C
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
5
10
15
20
25
30
35
40
Output Power per Tone (dBm)
IM5 vs. Output Power vs. Temperature
V
D = 32V, IDQ = 360mA, 2.0GHz, 1MHz Tone Spacing
-40
°C
+25
°C
+85
°C
-80
-70
-60
-50
-40
-30
-20
-10
0
5
10
15
20
25
30
35
40
Output Power per Tone (dBm)
IM3 vs. Output Power vs. Frequency
V
D = 32V, IDQ = 360mA, 1MHz Tone Spacing
Temp. = +25
°C
2.5GHz
2.0GHz
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
5
10
15
20
25
30
35
40
Output Power per Tone (dBm)
IM5 vs. Output Power vs. Frequency
V
D = 32V, IDQ = 360mA, 1MHz Tone Spacing
Temp. = +25
°C
2.5GHz
2.0GHz


Similar Part No. - TGA2237-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2237-SM QORVO-TGA2237-SM Datasheet
1,019Kb / 19P
   0.03??.5 GHz 10 W GaN Power Amplifier
TGA2237-SMEVB QORVO-TGA2237-SMEVB Datasheet
1,019Kb / 19P
   0.03??.5 GHz 10 W GaN Power Amplifier
More results

Similar Description - TGA2237-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2237 TRIQUINT-TGA2237_15 Datasheet
662Kb / 16P
   0.03 2.5GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2237 QORVO-TGA2237 Datasheet
662Kb / 16P
   0.03 ??2.5GHz 10W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2216-SM TRIQUINT-TGA2216-SM_15 Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
   10W GaN Wide-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2583 TRIQUINT-TGA2583_15 Datasheet
598Kb / 15P
   2.7 3.7GHz 10W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2237 QORVO-QPA2237 Datasheet
791Kb / 17P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
TGA2237-SM QORVO-TGA2237-SM Datasheet
1,019Kb / 19P
   0.03??.5 GHz 10 W GaN Power Amplifier
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
   10W GaN on SiC Power Amplifier Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com