Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3148-SMA Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3148-SMA
Description  20 KHz Highpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3148-SMA Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3148-SMA Datasheet HTML 1Page - KR Electronics, Inc. 3148-SMA Datasheet HTML 2Page - KR Electronics, Inc. 3148-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2015, KR Electronics, Inc.
3148-SMA, Rev 0, February 12, 2015
KR Electronics, Inc.
KR Electronics part number 3148-SMA is a 20 KHz highpass
filter. The filter has attains 55 dB min at 10 KHz. Other fre-
quencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 20 KHz Highpass Filter
 55 dB min at 10 KHz
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3148-SMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3148 ETC2-3148 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3148 KR-3148 Datasheet
57Kb / 3P
   20 KHz Highpass Filter
logo
List of Unclassifed Man...
3148 ETC2-3148 Datasheet
68Kb / 1P
   WASHERS
logo
TE Connectivity Ltd
314823--1 TEC-314823--1 Datasheet
115Kb / 4P
   Base Assembly Universal
logo
Tyco Electronics
314879--1 MACOM-314879--1 Datasheet
94Kb / 3P
   Crimping Die Assemblies
More results

Similar Description - 3148-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3148 KR-3148 Datasheet
57Kb / 3P
   20 KHz Highpass Filter
3072-BNC KR-3072-BNC Datasheet
37Kb / 2P
   100 KHz Highpass Filter
3210-N KR-3210-N Datasheet
45Kb / 2P
   140 KHz Highpass Filter
3102-20 KR-3102-20 Datasheet
47Kb / 2P
   20 MHz Highpass Filter
2902 KR-2902 Datasheet
84Kb / 2P
   Highpass Filter
2281 KR-2281 Datasheet
21Kb / 1P
   Highpass Filter
2583 KR-2583 Datasheet
21Kb / 2P
   Highpass Filter
2055 KR-2055 Datasheet
15Kb / 1P
   Highpass Filter
2357 KR-2357 Datasheet
15Kb / 1P
   Highpass Filter
2432-500-SMA KR-2432-500-SMA Datasheet
47Kb / 2P
   Highpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com