Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2243 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA2243
Description  12 16.5 GHz 3-Stage Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2243 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA2243_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA2243_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA2243_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2243_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2243_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2243_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2243_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2243_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2243_15 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TGA2243
12
– 16.5 GHz 3-Stage Driver Amplifier
Datasheet: Rev - 12-04-14
- 6 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
Output Power (dBm)
IM5 vs. Pout/Tone vs. Frequency
Vd = 7 V, Id = 85 mA Self-Bias, +25°C
12 GHz
14 GHz
16 GHz
14
16
18
20
22
24
26
28
30
32
34
11
12
13
14
15
16
17
18
Frequency (GHz)
Gain vs. Frequency vs. Vd
Vd = 6 - 9 V, Id = 85 mA Self-Bias, +25°C
6V
7V
8V
9V
15
16
17
18
19
20
21
22
23
24
25
11
12
13
14
15
16
17
Frequency (GHz)
Psat vs. Frequency vs. Vd
Vd = 6 - 9 V, Id = 85 mA Self-Bias, +25°C
6V
7V
8V
9V
15
16
17
18
19
20
21
22
23
24
25
11
12
13
14
15
16
17
Frequency (GHz)
P1dB vs. Frequency vs. Vd
Vd = 6 - 9 V, Id = 85 mA Self-Bias, +25°C
6V
7V
8V
9V
14
16
18
20
22
24
26
28
30
32
34
36
38
11
12
13
14
15
16
17
Frequency (GHz)
TOI vs. Frequency vs. Vd
Vd = 6 - 9 V, Id = 85 mA Self-Bias, +25°C
6V
7V
8V
9V


Similar Part No. - TGA2243_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2243-SM TRIQUINT-TGA2243-SM Datasheet
974Kb / 15P
   11 17 GHz 3-Stage Driver Amplifier
TGA2243-SM TRIQUINT-TGA2243-SM_15 Datasheet
974Kb / 15P
   11 17 GHz 3-Stage Driver Amplifier
More results

Similar Description - TGA2243_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2507-EPU TRIQUINT-TGA2507-EPU Datasheet
218Kb / 10P
   12-18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2507 TRIQUINT-TGA2507_15 Datasheet
298Kb / 10P
   12 18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2243-SM TRIQUINT-TGA2243-SM_15 Datasheet
974Kb / 15P
   11 17 GHz 3-Stage Driver Amplifier
TGA2506 TRIQUINT-TGA2506_15 Datasheet
286Kb / 11P
   12 18 GHz Ku-Band 2-Stage Driver Amplifier
TGA2506-EPU TRIQUINT-TGA2506-EPU Datasheet
191Kb / 11P
   12-18 GHz Ku-Band 2-Stage Driver Amplifier
logo
Excelics Semiconductor,...
EMP215-P1 EXCELICS-EMP215-P1 Datasheet
94Kb / 2P
   12.5 - 16.5 GHz Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA3500-SM TRIQUINT-TGA3500-SM Datasheet
823Kb / 11P
   2-12 GHz Driver Amplifier
logo
Tyco Electronics
MAAPGM0044-DIE MACOM-MAAPGM0044-DIE Datasheet
255Kb / 5P
   Amplifier, Power, 0.5W 11.5-16.5 GHz
logo
Transcom, Inc.
TA165-182-32-32 TRANSCOM-TA165-182-32-32 Datasheet
95Kb / 2P
   16.5 - 18.2 GHz 32 dBm Amplifier
logo
Excelics Semiconductor,...
EMP215 EXCELICS-EMP215 Datasheet
153Kb / 3P
   12.5 - 16.5 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com