Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2312-FL Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2312-FL
Description  X-band 60W GaN Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2312-FL Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2312-FL Datasheet HTML 5Page - TriQuint Semiconductor TGA2312-FL Datasheet HTML 6Page - TriQuint Semiconductor TGA2312-FL Datasheet HTML 7Page - TriQuint Semiconductor TGA2312-FL Datasheet HTML 8Page - TriQuint Semiconductor TGA2312-FL Datasheet HTML 9Page - TriQuint Semiconductor TGA2312-FL Datasheet HTML 10Page - TriQuint Semiconductor TGA2312-FL Datasheet HTML 11Page - TriQuint Semiconductor TGA2312-FL Datasheet HTML 12Page - TriQuint Semiconductor TGA2312-FL Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TGA2312-FL
X-band 60W GaN Power Amplifier
Preliminary Datasheet: Rev - 08-16-13
- 9 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Recommended Board Layout Assembly
y
Top dielectric material is RO4350 0.020 inch thickness with 0.5 oz. copper.
Bill of Materials
Reference Design
Value
Description
Manufacturer
C1
0.01 uF
Cap, 0603, 50V, 10%
Various
C2, C5
1000 pF
Cap, 0603, 50V, 5%
Various
C3
1.0 uF
Cap, 1206, 16V, 10%
Various
C4
100 pF
Cap, 0603, 50V, 5%
Various


Similar Part No. - TGA2312-FL

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2312-FL QORVO-TGA2312-FL Datasheet
533Kb / 13P
   X-band 60W GaN Power Amplifier
More results

Similar Description - TGA2312-FL

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2312-FL QORVO-TGA2312-FL Datasheet
533Kb / 13P
   X-band 60W GaN Power Amplifier
logo
RF Micro Devices
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
logo
Qorvo, Inc
TGM2635-CP QORVO-TGM2635-CP Datasheet
974Kb / 14P
   X-Band 100 W GaN Power Amplifier
September 2018
logo
TriQuint Semiconductor
TGM2635-CP TRIQUINT-TGM2635-CP Datasheet
1Mb / 14P
   X-Band 100 W GaN Power Amplifier
logo
RF Micro Devices
RF3932D RFMD-RF3932D Datasheet
831Kb / 9P
   60W GaN on SiC Power Amplifier Die
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com