Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2503-SM Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA2503-SM
Description  32 dBm Ku-Band Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2503-SM Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA2503-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2503-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2503-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2503-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2503-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2503-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2503-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2503-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA2503-SM Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Product Data Sheet
7
TriQuint Semiconductor: www.triquint.com (972)994-8465 Fax (972)994-8504 Info-networks@tqs.com
January 2013 © Rev B
Measured Performance
Bias Conditions: Vd = 6 V, Idq = 600 mA
* Note:
All measured data is taken using connectorized evaluation boards. The reference
plane is at RF connectors, and hence connector and board loss has not been de-
embedded.
TGA2503-SM


Similar Part No. - TGA2503-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2503-SM TRIQUINT-TGA2503-SM Datasheet
153Kb / 11P
   32 dBm Ku-Band Amplifier
More results

Similar Description - TGA2503-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2503-SM TRIQUINT-TGA2503-SM Datasheet
153Kb / 11P
   32 dBm Ku-Band Amplifier
TGA2533-SM TRIQUINT-TGA2533-SM_15 Datasheet
878Kb / 13P
   Ku-Band Power Amplifier
TGA2527-SM TRIQUINT-TGA2527-SM Datasheet
563Kb / 13P
   Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2527-SM TRIQUINT-TGA2527-SM_15 Datasheet
763Kb / 13P
   Ku-Band Power Amplifier
TGA2533 TRIQUINT-TGA2533_15 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2524-SM TRIQUINT-TGA2524-SM_15 Datasheet
878Kb / 14P
   Ku-Band Power Amplifier
TGA1045 TRIQUINT-TGA1045 Datasheet
234Kb / 2P
   Ku Band Power Amplifier
logo
Advanced Semiconductor ...
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
   Ku Band GaN Amplifier MMIC
June 2015
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com