Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2513 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA2513
Description  Wideband LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2513 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA2513 Datasheet HTML 1Page - TriQuint Semiconductor TGA2513 Datasheet HTML 2Page - TriQuint Semiconductor TGA2513 Datasheet HTML 3Page - TriQuint Semiconductor TGA2513 Datasheet HTML 4Page - TriQuint Semiconductor TGA2513 Datasheet HTML 5Page - TriQuint Semiconductor TGA2513 Datasheet HTML 6Page - TriQuint Semiconductor TGA2513 Datasheet HTML 7Page - TriQuint Semiconductor TGA2513 Datasheet HTML 8Page - TriQuint Semiconductor TGA2513 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
TGA2513
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
TABLE IV
THERMAL INFORMATION
Parameter
Test Conditions
TCH
(°C)
θJC
(°C/W)
Tm
(HRS)
θJC Thermal Resistance
(channel to backside of
carrier)
Vd = 5 V
ID = 75 mA
Pdiss = 0.375 W
82
32
4.5 E+7
Note: Assumes eutectic attach using 1.5 mil 80/20 AuSn mounted to a 20 mil CuMo
Carrier at 70°C baseplate temperature. Worst case condition with no RF applied,
100% of DC power is dissipated.
Median Lifetime (Tm) vs. Channel Temperature


Similar Part No. - TGA2513

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513 Datasheet
103Kb / 9P
   Wideband LNA
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
183Kb / 10P
   2-20 GHz LNA with AGC
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
613Kb / 12P
   2 20 GHz LNA/Gain Block
TGA2513-SM TRIQUINT-TGA2513-SM_15 Datasheet
613Kb / 12P
   2 20 GHz LNA/Gain Block
More results

Similar Description - TGA2513

ManufacturerPart #DatasheetDescription
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
677Kb / 5P
   Wideband LNA
logo
TriQuint Semiconductor
TGA2513 TRIQUINT-TGA2513 Datasheet
103Kb / 9P
   Wideband LNA
logo
RFHIC
WL2205-L RFHIC-WL2205-L Datasheet
232Kb / 4P
   Wideband LNA
WL2210-L RFHIC-WL2210-L Datasheet
238Kb / 4P
   Wideband LNA
logo
Mini-Circuits
AVA-0233LN++ MINI-AVA-0233LN+ Datasheet
556Kb / 7P
   Wideband LNA
REV. A
logo
RFHIC
WL1008-L RFHIC-WL1008-L Datasheet
659Kb / 4P
   Wideband LNA
WLP0640 RFHIC-WLP0640 Datasheet
405Kb / 4P
   Wideband LNA
WL0510 RFHIC-WL0510 Datasheet
223Kb / 4P
   Wideband LNA
logo
TriQuint Semiconductor
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
TGA1319C-EPU TRIQUINT-TGA1319C-EPU Datasheet
221Kb / 6P
   Ka Band Wideband LNA/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com