Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNA8260 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHNA8260
Description  TRANSISTOR N-CHANNEL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNA8260 Datasheet(HTML) 2 Page - International Rectifier

  IRHNA8260 Datasheet HTML 1Page - International Rectifier IRHNA8260 Datasheet HTML 2Page - International Rectifier IRHNA8260 Datasheet HTML 3Page - International Rectifier IRHNA8260 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Resistance
Parameter
Min. Typ. Max. Units
Test Conditions
RthJC
Junction-to-Case
0.42
K/W
…
RthJ-PCB
Junction-to-PC board
TBD
soldered to a copper-clad PC board
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current (Body Diode)
43
Modified MOSFET symbol showing the
ISM
Pulse Source Current (Body Diode)

172
integral reverse p-n junction rectifier.
VSD
Diode Forward Voltage
1.8
V
Tj = 25°C, IS = 43A, VGS = 0V „
trr
Reverse Recovery Time
820
ns
Tj = 25°C, IF = 43A, di/dt ≤ 100 A/µs
QRR
Reverse Recovery Charge
12
µCVDD ≤ 50V „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible.Turn-on speed is substantially controlled by LS + LD.
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
200
V
VGS = 0V, ID = 1.0 mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.27
V/°C
Reference to 25°C, ID = 1.0 mA
Voltage
RDS(on)
Static Drain-to-Source
0.070
VGS = 12V, ID = 27A
On-State Resistance
0.077
VGS = 12V, ID = 43A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0 mA
gfs
Forward Transconductance
9.0
S ( )VDS > 15V, IDS = 27A
„
IDSS
Zero Gate Voltage Drain Current
25
VDS = 0.8 x Max. Rating,VGS = 0V
250
VDS = 0.8 x Max. Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS = -20V
Qg
Total Gate Charge
240
VGS = 12V, ID = 43A
Qgs
Gate-to-Source Charge
42
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (“Miller”) Charge
84
td(on)
Turn-On Delay Time
50
VDD = 100V, ID = 43A,
tr
Rise Time
200
RG = 2.35Ω
td(off)
Turn-Off Delay Time
200
tf
Fall Time
200
LD
Internal Drain Inductance
8.7
LS
Internal Source Inductance
8.7
Ciss
Input Capacitance
6500
VGS = 0V, VDS = 25V
Coss
Output Capacitance
1200
f = 1.0 MHz
Crss
Reverse Transfer Capacitance
300
IRHNA7260, IRHNA8260 Devices
Pre-Radiation
„
µA
nC
pF
nH
ns
Measured from the
drain lead, 6mm (0.25
in.) from package to
center of die.
Measured from the
source lead, 6mm
(0.25 in.) from package
to source bonding pad.
Modified MOSFET
symbol showing the
internal inductances.
nA
A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRHNA8260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA8064 IRF-IRHNA8064 Datasheet
130Kb / 4P
   TRANSISTOR N-CHANNEL
IRHNA8064 IRF-IRHNA8064 Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNA8160 IRF-IRHNA8160 Datasheet
161Kb / 4P
   TRANSISTOR N-CHANNEL
IRHNA8160 IRF-IRHNA8160 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA8Z60 IRF-IRHNA8Z60 Datasheet
124Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-2)
More results

Similar Description - IRHNA8260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RHN7150 IRF-RHN7150 Datasheet
516Kb / 14P
   TRANSISTOR N-CHANNEL
logo
Silan Microelectronics ...
SVF7N65T SILAN-SVF7N65T Datasheet
323Kb / 10P
   N-channel transistor
logo
Hi-Sincerity Mocroelect...
H2N7002 HSMC-H2N7002 Datasheet
65Kb / 4P
   N-CHANNEL TRANSISTOR
logo
International Rectifier
IRHNA7064 IRF-IRHNA7064 Datasheet
130Kb / 4P
   TRANSISTOR N-CHANNEL
IRHNA7160 IRF-IRHNA7160 Datasheet
161Kb / 4P
   TRANSISTOR N-CHANNEL
logo
Comchip Technology
2N7002 COMCHIP-2N7002 Datasheet
88Kb / 3P
   N-CHANNEL TRANSISTOR
logo
Hi-Sincerity Mocroelect...
H2N7002K HSMC-H2N7002K Datasheet
142Kb / 5P
   N-CHANNEL TRANSISTOR
H2N7002KSN HSMC-H2N7002KSN Datasheet
163Kb / 4P
   N-CHANNEL TRANSISTOR
logo
International Rectifier
IRHM7064 IRF-IRHM7064 Datasheet
121Kb / 4P
   TRANSISTOR N-CHANNEL
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
   HEXFET TRANSISTOR, N-CHANNEL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com