Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3194-SMA Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3194-SMA
Description  125 MHz Bandpass
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3194-SMA Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3194-SMA Datasheet HTML 1Page - KR Electronics, Inc. 3194-SMA Datasheet HTML 2Page - KR Electronics, Inc. 3194-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2011, KR Electronics, Inc.
3194-SMA, 125 MHz Bandpass, Rev 0, March 7, 2015
Parameter
Specification
Filter type
Bandpass
Center Frequency
125 MHz
Insertion Loss
6 dB max
1 dB Bandwidth
4.5 MHz typical
3 dB Bandwidth
6 MHz min
Rejection at 115 MHz
50 dB min
Rejection at 134 MHz
45 dB min
40 dB Bandwidth
14.8 MHz typical
Source and Load
50

50 dB Bandwidth
17.8 MHz typical
60 dB Bandwidth
21.7 MHz typical
KR Electronics 3194-SMA
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-2500
(732) 636-2582
Web
Email
Phone
Fax
Notes:
1. Dimensions in inches
2. Rectangular case


Similar Part No. - 3194-SMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3194 ETC2-3194 Datasheet
68Kb / 1P
   WASHERS
logo
TE Connectivity Ltd
31945 TEC-31945 Datasheet
32Kb / 1P
   WIRE TERMINAL STANDARD B-KNIFE DISCONNECT WIRE SIZE 12-10
More results

Similar Description - 3194-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2587-125-1 KR-2587-125-1 Datasheet
105Kb / 3P
   125 MHz Bandpass Filter
2798 KR-2798 Datasheet
63Kb / 2P
   125 MHz differential bandpass filter
2567-1 KR-2567-1 Datasheet
88Kb / 2P
   10.7 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
   455 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
   174 MHz Bandpass
3204 KR-3204 Datasheet
105Kb / 3P
   1087.5 MHz Bandpass
3192-3 KR-3192-3 Datasheet
105Kb / 3P
   2000 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
   140 MHz Bandpass
3020 KR-3020 Datasheet
74Kb / 3P
   20 MHz Bandpass
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
   10 MHz Bandpass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com