Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSPS7630N Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSPS7630N
Description  Dual-N Channel Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSPS7630N Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSPS7630N_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSPS7630N_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSPS7630N_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSPS7630N_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
SSPS7630N
9.4 A, 30 V, RDS(ON) 19 mΩ
Dual-N Channel Mode Power MOSFET
28-Jun-2013 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - SSPS7630N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSPS7630N SECOS-SSPS7630N Datasheet
472Kb / 4P
   Dual-N Channel Mode Power MOSFET
More results

Similar Description - SSPS7630N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4902N SECOS-SSG4902N Datasheet
175Kb / 2P
   Dual N-Channel Mode Power MOSFET
SSG4942N SECOS-SSG4942N Datasheet
151Kb / 2P
   Dual N-Channel Mode Power MOSFET
SSG4990N SECOS-SSG4990N_15 Datasheet
151Kb / 2P
   Dual-N Channel Mode Power MOSFET
SSG4934N SECOS-SSG4934N_15 Datasheet
126Kb / 2P
   Dual N-Channel Mode Power MOSFET
SSG4930N SECOS-SSG4930N Datasheet
459Kb / 4P
   Dual N-Channel Mode Power MOSFET
SSPS920NE SECOS-SSPS920NE_15 Datasheet
487Kb / 4P
   Dual-N Channel Mode Power MOSFET
SSG4920N SECOS-SSG4920N_15 Datasheet
406Kb / 4P
   Dual N-Channel Mode Power MOSFET
SSG4942N SECOS-SSG4942N_15 Datasheet
151Kb / 2P
   Dual N-Channel Mode Power MOSFET
SSPS7630N SECOS-SSPS7630N Datasheet
472Kb / 4P
   Dual-N Channel Mode Power MOSFET
SSG4934N SECOS-SSG4934N Datasheet
126Kb / 2P
   Dual N-Channel Mode Power MOSFET
SSG4902NA SECOS-SSG4902NA Datasheet
336Kb / 4P
   Dual N-Channel Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com