Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR5AS12A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR5AS12A
Description  Triac Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5AS12A Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR5AS12A_15 Datasheet HTML 1Page - Renesas Technology Corp BCR5AS12A_15 Datasheet HTML 2Page - Renesas Technology Corp BCR5AS12A_15 Datasheet HTML 3Page - Renesas Technology Corp BCR5AS12A_15 Datasheet HTML 4Page - Renesas Technology Corp BCR5AS12A_15 Datasheet HTML 5Page - Renesas Technology Corp BCR5AS12A_15 Datasheet HTML 6Page - Renesas Technology Corp BCR5AS12A_15 Datasheet HTML 7Page - Renesas Technology Corp BCR5AS12A_15 Datasheet HTML 8Page - Renesas Technology Corp BCR5AS12A_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BCR5AS-12A
REJ03G0291-0200
Rev.2.00
Nov 30, 2007
Page 4 of 6
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
8
6
5
3
1
0
8
0
13
5
7
2
4
7
24
6
160
120
100
60
20
0
8
0
13
5
7
40
80
140
24
6
140
40
–40
–60
–20 0
20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
102
160
120
100
60
20
0
1.6
0
0.2
0.6
1.0
1.4
40
80
140
0.4
0.8
1.2
102
7
5
3
2
–60
–20
20
101
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
100
140
–60
–20
20
60
100
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
–40
0
40
80
120
360° Conduction
Resistive,
inductive loads
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
Typical Example
VD = 12V
Typical Example
Distribution
Distribution
T2+, G–
Typical Example
T2+, G+
T2–, G–
Typical Example
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads


Similar Part No. - BCR5AS12A_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR5AS MITSUBISHI-BCR5AS Datasheet
87Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR5AS POWEREX-BCR5AS Datasheet
80Kb / 6P
   Surface Mount Triac 5 Amperes/400-600 Volts
BCR5AS-12 POWEREX-BCR5AS-12 Datasheet
80Kb / 6P
   Surface Mount Triac 5 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR5AS-12A RENESAS-BCR5AS-12A Datasheet
118Kb / 7P
   Triac Medium Power Use
BCR5AS-12A-A1 RENESAS-BCR5AS-12A-A1 Datasheet
118Kb / 7P
   Triac Medium Power Use
More results

Similar Description - BCR5AS12A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com