Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-00430 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # 10-00430
Description  Cable, 1830 mm, 7P mini-DIN female 50-00167, to stripped tinned, 20 AWG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

10-00430 Datasheet(HTML) 2 Page - Tensility International Corp.

  10-00430 Datasheet HTML 1Page - Tensility International Corp. 10-00430 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
rev:
page:
March 9, 2011
A
10-00430
Cable, 1830 mm, 7P mini-DIN female
50-00167, to stripped tinned, 20 AWG,
UL2464 30-00027, shielded
2 of 2
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and confirm that it meets your
requirements. This specification reflects the part as it will be ordered. Orders will not be processed until the specification pages have
been initialed and the approval page has been signed. This specification is confidential and is not to be transmitted without prior
approval from Tensility.
Signature
Title
Name
Date
Company
Branch
Specification Approval
Revision notes:
Rev
Date
Description
A
March 9, 2011
initial release


Similar Part No. - 10-00430

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00431 TENSILITY-10-00431 Datasheet
395Kb / 2P
   Cable, 1830 mm, 8P mini-DIN female 50-00168, to stripped tinned, 20 AWG
10-00432 TENSILITY-10-00432 Datasheet
401Kb / 2P
   Cable, 1830 mm, 9P mini-DIN female 50-00169, to stripped tinned, 26 AWG
10-00433 TENSILITY-10-00433 Datasheet
386Kb / 2P
   Cable, 1830 mm, 3P DIN male 50-00170, to stripped tinned, 20 AWG
10-00434 TENSILITY-10-00434 Datasheet
388Kb / 2P
   Cable, 1830 mm, 4P DIN male 50-00171, to stripped tinned, 20 AWG
10-00437 TENSILITY-10-00437 Datasheet
412Kb / 2P
   Cable, 1830 mm, 7P DIN male 50-00174, to stripped tinned, 20 AWG
More results

Similar Description - 10-00430

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00444 TENSILITY-10-00444 Datasheet
420Kb / 2P
   Cable, 1830 mm, 7P DIN female 50-00181 to stripped tinned, 20 AWG
10-00423 TENSILITY-10-00423 Datasheet
375Kb / 2P
   Cable, 1830 mm, 7P mini-DIN male 50-00160, to stripped tinned, 20 AWG
10-00550 TENSILITY-10-00550 Datasheet
467Kb / 2P
   Cable, 1830 mm, 7P 90 mini-DIN female 50-00167, to stripped tinned, 26 AWG UL2464 30-00064, shield
10-00437 TENSILITY-10-00437 Datasheet
412Kb / 2P
   Cable, 1830 mm, 7P DIN male 50-00174, to stripped tinned, 20 AWG
10-00536 TENSILITY-10-00536 Datasheet
438Kb / 2P
   Cable, 1830 mm, 7P 90 DIN female 50-00181, to stripped tinned, 26 AWG
10-00431 TENSILITY-10-00431 Datasheet
395Kb / 2P
   Cable, 1830 mm, 8P mini-DIN female 50-00168, to stripped tinned, 20 AWG
10-00426 TENSILITY-10-00426 Datasheet
366Kb / 2P
   Cable, 1830 mm, 3P mini-DIN female 50-00163, to stripped tinned,20 AWG
10-00427 TENSILITY-10-00427 Datasheet
373Kb / 2P
   Cable, 1830 mm, 4P mini-DIN female 50-00164, to stripped tinned, 20 AWG
10-00543 TENSILITY-10-00543 Datasheet
453Kb / 2P
   Cable, 1830 mm, 7P 90 mini-DIN male 50-00160, to stripped tinned, 26 AWG
10-00445 TENSILITY-10-00445 Datasheet
422Kb / 2P
   Cable, 1830 mm, 8P DIN female 50-00182 to stripped tinned, 20 AWG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com