Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL3103D1S Datasheet(PDF) 7 Page - International Rectifier

Part # IRL3103D1S
Description  FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3103D1S Datasheet(HTML) 7 Page - International Rectifier

  IRL3103D1S Datasheet HTML 1Page - International Rectifier IRL3103D1S Datasheet HTML 2Page - International Rectifier IRL3103D1S Datasheet HTML 3Page - International Rectifier IRL3103D1S Datasheet HTML 4Page - International Rectifier IRL3103D1S Datasheet HTML 5Page - International Rectifier IRL3103D1S Datasheet HTML 6Page - International Rectifier IRL3103D1S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRL3103D1S
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
4/98
3
4
4
TR R
F E E D DIRE CTIO N
1.85 ( .07 3)
1.65 ( .06 5)
1.60 (.0 6 3 )
1.50 (.0 5 9 )
4.10 ( .16 1)
3.90 ( .15 3)
TR L
F E E D D IRE CTIO N
10 .9 0 (.42 9)
10 .7 0 (.42 1)
16 .10 (.634)
15 .90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.3 68 (.0145)
0.3 42 (.0135)
1 .60 (.06 3)
1 .50 (.05 9)
13.50 (.532 )
12.80 (.504 )
33 0.00
(1 4.1 73)
MA X .
2 7.4 0 ( 1.079)
2 3.9 0 ( .9 41)
60.00 (2.3 62)
M IN .
3 0.40 (1.1 97)
M A X .
26 .40 ( 1.03 9)
24 .40 ( .961 )
NO T ES :
1. C O M F O R M S TO E IA -4 18.
2. C O NTRO LLING DIM E N S IO N: M ILL IM ET ER .
3. DIM E NSIO N M EASUR E D @ HU B.
4. IN C LU D E S F LA N GE D IS TOR T ION @ OU T E R E D GE .
Tape & Reel Information
D2Pak


Similar Part No. - IRL3103D1S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3103D1S IRF-IRL3103D1S Datasheet
100Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
IRL3103D1SPBF IRF-IRL3103D1SPBF Datasheet
308Kb / 8P
   Generation 5 Technology
More results

Similar Description - IRL3103D1S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3103D1 IRF-IRL3103D1 Datasheet
94Kb / 6P
   FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103D2 IRF-IRL3103D2 Datasheet
116Kb / 6P
   FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=54A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRL3103 IRF-IRL3103 Datasheet
214Kb / 8P
   Power MOSFET(Vdds=30V, Rds(on)=12mohm, Id=64A)
IRF7523D1 IRF-IRF7523D1 Datasheet
204Kb / 8P
   FETKY??MOSFET / Schottky Diode(Vdss=30V, Rds(on)=0.11ohm, Schottky Vf=0.39V)
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
IRF7526D1 IRF-IRF7526D1 Datasheet
120Kb / 8P
   FETKY??MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
IRFP4710 IRF-IRFP4710 Datasheet
103Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)max=0.014ohm, Id=72A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com