Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLS-1210UYUGC Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-1210UYUGC
Description  SMD led lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-1210UYUGC Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-1210UYUGC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYUGC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYUGC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYUGC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYUGC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYUGC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYUGC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210UYUGC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model. No.
Rev.
Min.
Tpy.
Y
2.00
G
2.10
Y
593
G
575
Y
592
G
574
Y
70
G
45
---
130
---
Y
G
Page: 3/8
Http://www.foryard.com
Storage Temperature
Typical Electrical &Optical Charcteristics(Ta=25ºC)
Tstg
Model No.
FYLS-1210UYUGC
Forward Current(DC)
PD
mA
mA
Mw
Symbol
FYLS-1210UYUGC
Absolute Maximun Ratings(Ta=25
º
º
º
º
C)
*Pulse width
1msec duty
1/10
Absolute maximum Rating
A
IFP
Peak Forward Current*
Power Dissipation
Operation Temperature
Topr
Items
Reverse Voltage
IF
-40
º
C
+85
º
C
-40ºC
+100ºC
Y
2.60
30
Tsol
5
V
VF
IF = 20mA
100
Material
Soldering Temperature
VR
Symbol
Items
Dominant Wavelength
λD
Material
Gold
Silicone
AlGaInP
/
/
Note:
2.Pay attention about static for InGaN
1.Luminous Intensity is based on the Foryard standards.
Forward Voltage
Material
Gold
Silicone
AlGaInP
Item
Reflector
Wire
Encapsulate
Chip
Unit
Unit
2.70
Reflow Soldering:250
/5sec
nm
30
100
G
Max.
78
78
10
Condition
Deg
V
nm
IF = 20mA
Reverse Current
IR
VR = 5V
uA
Peak Emission Wavelength
λp
IF = 20mA
Luminous Intensity
IV
IF = 20mA
mcd
50% Power Angle
2θ½
IF = 20mA


Similar Part No. - FYLS-1210UYUGC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-1210UYGC FORYARD-FYLS-1210UYGC Datasheet
166Kb / 5P
   SMD
More results

Similar Description - FYLS-1210UYUGC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020URC FORYARD-FYLS-3020URC Datasheet
525Kb / 8P
   SMD led lamp
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-1204RGBC FORYARD-FYLS-1204RGBC Datasheet
504Kb / 8P
   SMD led lamp
FYLS-1204SRC FORYARD-FYLS-1204SRC Datasheet
843Kb / 8P
   SMD led lamp
FYLS-3528UW2C FORYARD-FYLS-3528UW2C_15 Datasheet
493Kb / 8P
   SMD led lamp
FYLS-3528UWC FORYARD-FYLS-3528UWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-3528UY2C FORYARD-FYLS-3528UY2C_15 Datasheet
488Kb / 8P
   SMD led lamp
FYLS-0603ASRC-Z2 FORYARD-FYLS-0603ASRC-Z2 Datasheet
483Kb / 8P
   SMD led lamp
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
logo
BetLux Electronics
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
   SMD LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com