Electronic Components Datasheet Search |
|
FYLS-2810UGC-H Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd. |
|
FYLS-2810UGC-H Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd. |
3 / 8 page Model. No. Rev. Min. Typ. 1.90 --- 570 568 100 50% Power Angle --- 120 --- Page : 3/8 Http://www.foryard.com Storage Temperature ■ ■ ■ ■ Typical Electrical &Optical Charcteristics(Ta=25ºC) Tstg Model No. : : : :FYLS-2810UGC-H Items Unit ■ ■ ■ ■ Absolute Maximun Ratings(Ta=25ººººC) FYLS-2810UGC-H *Pulse width ≦ ≦ ≦ ≦1msec duty≦ ≦ ≦ ≦1/10 Peak Emission Wavelength Dominant Wavelength A Symbol IFP Peak Forward Current* Power Dissipation Operation Temperature Topr Forward Current(DC) PD IF 100 78 -30 ºC~+80ºC Reflow Soldering:250 ℃/5sec Reverse Voltage Mw ℃ -40ºC ~+100ºC Soldering Temperature VR Tsol 5 ℃ V Absolute maximum Rating 30 mA mA Reverse Current Symbol VF IR Unit Items Forward Voltage 2θ½ Condition IF = 20mA VR = 5V IF = 20mA IF = 20mA IF = 20mA Luminous Intensity IV 5 λp λD V uA nm nm Max 2.50 mcd Deg ■ ■ ■ ■ Material Item Reflector Wire Encapsulate Chip IF = 20mA AlGaInP Material / Gold Silicone Note: 2.Pay attention about static for InGaN 1.Luminous Intensity is based on the Foryard standards. |
Similar Part No. - FYLS-2810UGC-H |
|
Similar Description - FYLS-2810UGC-H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |