Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2578-CP Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA2578-CP
Description  2 to 6 GHz, 30W GaN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2578-CP Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA2578-CP_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA2578-CP_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2578-CP_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2578-CP_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2578-CP_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2578-CP_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2578-CP_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2578-CP_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2578-CP_15 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TGA2578-CP
2 to 6 GHz, 30W GaN Power Amplifier
Preliminary Datasheet: 02-03-15
- 11 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Mechanical Information
Units: inches
Tolerances: unless specified
x.xx = ± 0.01
x.xxx = ± 0.005
Materials:
Base: Copper
Lid:
Plastic
All metalized features are gold plated
Part is epoxy sealed
Marking:
2578: Part number
YY: Part Assembly year
WW: Part Assembly week
ZZZ: Serial Number
MXXX: Batch ID


Similar Part No. - TGA2578-CP_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2578-CP QORVO-TGA2578-CP Datasheet
519Kb / 13P
   2 ??6 GHz 30 W GaN Power Amplifier
More results

Similar Description - TGA2578-CP_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
   6 to 12GHz, 30W GaN Power Amplifier
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
   2 6 GHz GaN Driver Amplifier
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
logo
Qorvo, Inc
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
   2-6 GHz 30 W GaN Power Amplifier
TGA2578-CP QORVO-TGA2578-CP Datasheet
519Kb / 13P
   2 ??6 GHz 30 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2576-FL TRIQUINT-TGA2576-FL_15 Datasheet
261Kb / 11P
   2.5 to 6 GHz GaN HEMT Power Amplifier
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6003028-FL TRIQUINT-T1G6003028-FL_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com