Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5N6001P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H5N6001P
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N6001P Datasheet(HTML) 5 Page - Renesas Technology Corp

  H5N6001P_15 Datasheet HTML 1Page - Renesas Technology Corp H5N6001P_15 Datasheet HTML 2Page - Renesas Technology Corp H5N6001P_15 Datasheet HTML 3Page - Renesas Technology Corp H5N6001P_15 Datasheet HTML 4Page - Renesas Technology Corp H5N6001P_15 Datasheet HTML 5Page - Renesas Technology Corp H5N6001P_15 Datasheet HTML 6Page - Renesas Technology Corp H5N6001P_15 Datasheet HTML 7Page - Renesas Technology Corp H5N6001P_15 Datasheet HTML 8Page - Renesas Technology Corp H5N6001P_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
H5N6001P
Rev.3.00 Sep 07, 2005 page 3 of 6
Main Characteristics
200
0
0
50
100
150
50
100
150
200
30
10
3
1
0.3
0.1
1
3
10
30
100
300
1000
50
0
0
10
20
30
40
4
8
12
16
20
50
0
0
10
20
30
40
24
68
10
0.03
0.01
100
Ta = 25°C
10 V
VGS = 4.5 V
5 V
Tc = 75°C
25°C
–25°C
6 V
8 V
5.5 V
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Operation in
this area is
limited by RDS(on)
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Pulse Test
0
0
2
4
6
8
48
12
16
20
15
20
100
210
50
2
1
0.5
0.2
0.1
10
ID = 20 A
10 A
5 A
VGS = 10 V, 15 V
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Pulse Test
Static Drain to Source on State Resistance
vs. Drain Current
Pulse Test
Drain Current
ID (A)
10
µs
100
µs
1 ms
PW
= 10
ms
(1shot)
DC
Operation
(Tc
=
25°C)


Similar Part No. - H5N6001P_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N6001P-E RENESAS-H5N6001P-E Datasheet
85Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N6001P RENESAS-H5N6001P_05 Datasheet
85Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H5N6001P_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com