Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLZ44N Datasheet(PDF) 8 Page - International Rectifier

Part # IRLZ44N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44N Datasheet(HTML) 8 Page - International Rectifier

  IRLZ44N Datasheet HTML 1Page - International Rectifier IRLZ44N Datasheet HTML 2Page - International Rectifier IRLZ44N Datasheet HTML 3Page - International Rectifier IRLZ44N Datasheet HTML 4Page - International Rectifier IRLZ44N Datasheet HTML 5Page - International Rectifier IRLZ44N Datasheet HTML 6Page - International Rectifier IRLZ44N Datasheet HTML 7Page - International Rectifier IRLZ44N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image


Similar Part No. - IRLZ44N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLZ44N ISC-IRLZ44N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLZ44NL IRF-IRLZ44NL Datasheet
178Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRLZ44NL IRF-IRLZ44NL Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRLZ44NPBF IRF-IRLZ44NPBF Datasheet
228Kb / 9P
   HEXFET Power MOSFET
IRLZ44NPBF IRF-IRLZ44NPBF Datasheet
228Kb / 9P
   Advnaced Process Technology
More results

Similar Description - IRLZ44N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ44NS IRF-IRLZ44NS Datasheet
178Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRF5Y3205CM IRF-IRF5Y3205CM Datasheet
103Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com