Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2598 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2598
Description  6 12GHz 2W GaN Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2598 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2598 Datasheet HTML 1Page - TriQuint Semiconductor TGA2598 Datasheet HTML 2Page - TriQuint Semiconductor TGA2598 Datasheet HTML 3Page - TriQuint Semiconductor TGA2598 Datasheet HTML 4Page - TriQuint Semiconductor TGA2598 Datasheet HTML 5Page - TriQuint Semiconductor TGA2598 Datasheet HTML 6Page - TriQuint Semiconductor TGA2598 Datasheet HTML 7Page - TriQuint Semiconductor TGA2598 Datasheet HTML 8Page - TriQuint Semiconductor TGA2598 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TGA2598
6
– 12GHz 2W GaN Driver Amplifier
Preliminary Datasheet: Rev - 07-11-14
- 3 of 13 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θ
JC)
(1)
Tbase = 85°C, VD = 25V, IDQ = 100mA, CW
21.84
ºC/W
Channel Temperature (TCH) (Under RF drive)
Tbase = 85°C, VD = 25V, ID_Drive = 285mA,
PIN = 20dBm, POUT = 33.5dBm, PDISS = 4.8 W
190
°C
Median Lifetime (TM)
3.12 x 10^7
Hrs
Notes:
1. Thermal resistance measured to back of carrier plate. MMIC mounted on 20 mils CuMo (85/15) carrier using 4 mil AuSn.
Test Conditions: VD = 40 V; Failure Criteria = 10% reduction in ID_MAX
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
1E+16
1E+17
1E+18
25
50
75
100
125
150
175
200
225
250
275
Channel Temperature, TCH (C)
Median Lifetime vs. Channel Temperature
FET13
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
P
DISS (W)
Thermal Resistance vs. P
DISS vs Temp.
+85C
+25C
-40C
CW
0
1
2
3
4
5
6
5
6
7
8
9
10
11
12
13
Frequency (GHz)
P
DISS vs. Frequency vs. TBASE
-40C
+25C
+85C
P
IN = 19dBm
V
D = 25V, IDQ = 100mA
CW


Similar Part No. - TGA2598

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2598 QORVO-TGA2598 Datasheet
457Kb / 13P
   6 ??12 GHz 2W GaN Driver Amplifier
December 2020
logo
TriQuint Semiconductor
TGA2598-SM TRIQUINT-TGA2598-SM Datasheet
757Kb / 14P
   6 to 12 GHz 2W GaN Driver Amplifier
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
   6 to 12 GHz 2W GaN Driver Amplifier
More results

Similar Description - TGA2598

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2598 QORVO-TGA2598 Datasheet
457Kb / 13P
   6 ??12 GHz 2W GaN Driver Amplifier
December 2020
logo
TriQuint Semiconductor
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
   6 to 12 GHz 2W GaN Driver Amplifier
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
   6 to 12GHz, 30W GaN Power Amplifier
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105_15 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
logo
TriQuint Semiconductor
TGA2958 TRIQUINT-TGA2958_15 Datasheet
561Kb / 13P
   13 to 18 GHz 2W GaN Driver Amplifier
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105 Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
logo
TriQuint Semiconductor
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
   2 6 GHz GaN Driver Amplifier
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
   6 to 12 GHz GaN Driver Amplifier
logo
Transcom, Inc.
TA060-120-11-10 TRANSCOM-TA060-120-11-10 Datasheet
72Kb / 2P
   6 ~ 12GHz 10dBm Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com