Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2601-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA2601-SM
Description  800 to 3000 MHz High IP3 Dual HEMT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2601-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA2601-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA2601-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA2601-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA2601-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA2601-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA2601-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA2601-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA2601-SM_15 Datasheet HTML 12Page - TriQuint Semiconductor TGA2601-SM_15 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
April 2011 © Rev B
TGA2601-SM
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
900 MHz Balanced Amplifier Circuit
Vd = 4 V, Idq = 100 mA (Refer to Page 22)
Measured Data


Similar Part No. - TGA2601-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2600 TRIQUINT-TGA2600 Datasheet
166Kb / 9P
   X-band Ultra Low Noise Amplifier
TGA2602-SM TRIQUINT-TGA2602-SM Datasheet
302Kb / 21P
   800 - 3000MHz High IP3 Dual LNA
TGA2602-SM TRIQUINT-TGA2602-SM Datasheet
930Kb / 29P
   800 to 3000 MHz High IP3 Dual HEMT
TGA2602-SM TRIQUINT-TGA2602-SM_15 Datasheet
930Kb / 29P
   800 to 3000 MHz High IP3 Dual HEMT
More results

Similar Description - TGA2601-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2602-SM TRIQUINT-TGA2602-SM_15 Datasheet
930Kb / 29P
   800 to 3000 MHz High IP3 Dual HEMT
logo
Hittite Microwave Corpo...
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
logo
TriQuint Semiconductor
TGA2602-SM TRIQUINT-TGA2602-SM Datasheet
302Kb / 21P
   800 - 3000MHz High IP3 Dual LNA
logo
Tyco Electronics
FL05-0001-G MACOM-FL05-0001-G_1 Datasheet
205Kb / 3P
   Low Cost SMT High Pass Filter 800 - 3000 MHz
logo
M/A-COM Technology Solu...
FL05-0001-G MA-COM-FL05-0001-G Datasheet
79Kb / 4P
   Low Cost SMT High Pass Filter 800 - 3000 MHz
logo
Tyco Electronics
MAFLCC0004 MACOM-MAFLCC0004 Datasheet
211Kb / 4P
   Low Cost SMT High Pass Filter 800 - 3000 MHz
logo
M/A-COM Technology Solu...
MAFLCC0004 MA-COM-MAFLCC0004 Datasheet
79Kb / 4P
   Low Cost SMT High Pass Filter 800 - 3000 MHz
logo
Tyco Electronics
FL05-0001-G MACOM-FL05-0001-G Datasheet
51Kb / 2P
   Low Cost SMT High Pass Filter 800-3000 MHz
logo
Analog Devices
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com