Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2611-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2611-SM
Description  2 6 GHz GaN LNA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2611-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2611-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2611-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2611-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2611-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2611-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2611-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2611-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2611-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2611-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TGA2611-SM
2-6 GHz GaN LNA
Preliminary Datasheet: Rev - 01-29-15
- 3 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θJC) (1)
Tbase = 85 °C, VD = 10 V (CW)
IDQ = 100 mA, ID_Drive = 195 mA
PIN = 10 dBm, POUT = 28 dBm,
Freq = 4 GHz, PDISS = 1.3 W
19
ºC/W
Channel Temperature (TCH) (Under RF drive)
110
°C
Median Lifetime (TM)
2.3 x 10^11
Hrs
Notes:
1. Thermal resistance measured at back of the package.
Test Conditions: VD = 40 V; Failure Criteria is 10% reduction in ID_MAX
16
17
18
19
20
21
22
0.5
1.0
1.5
2.0
2.5
3.0
P
DISS (W)
Thermal Resistance vs. P
DISS
T
BASE = 85
0C, CW
0.9
1.0
1.1
1.2
1.3
1.4
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Frequency (GHz)
P
DISS vs. Frequency vs. TBASE
85 °C
25 °C
-40 °C
V
D = 10 V, IDQ = 100 mA, PIN = 10 dBm, CW


Similar Part No. - TGA2611-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
More results

Similar Description - TGA2611-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611 Datasheet
427Kb / 12P
   2-6 GHz GaN LNA
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611_15 Datasheet
406Kb / 12P
   2 to 6 GHz GaN LNA
TGA2612 TRIQUINT-TGA2612_15 Datasheet
526Kb / 12P
   6 to 12 GHz GaN LNA
TGA2612-SM TRIQUINT-TGA2612-SM_15 Datasheet
609Kb / 14P
   6 to 12 GHz GaN LNA
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
June 26, 2017
logo
TriQuint Semiconductor
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
   2 6 GHz GaN Driver Amplifier
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
logo
Qorvo, Inc
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
   2-6 GHz 30 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com