Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2612 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2612
Description  6 to 12 GHz GaN LNA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2612 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2612 Datasheet HTML 1Page - TriQuint Semiconductor TGA2612 Datasheet HTML 2Page - TriQuint Semiconductor TGA2612 Datasheet HTML 3Page - TriQuint Semiconductor TGA2612 Datasheet HTML 4Page - TriQuint Semiconductor TGA2612 Datasheet HTML 5Page - TriQuint Semiconductor TGA2612 Datasheet HTML 6Page - TriQuint Semiconductor TGA2612 Datasheet HTML 7Page - TriQuint Semiconductor TGA2612 Datasheet HTML 8Page - TriQuint Semiconductor TGA2612 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TGA2612
6-12 GHz GaN LNA
Preliminary Datasheet: Rev - 01-29-15
- 5 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance
Conditions unless otherwise specified: VD = 10 V, IDQ = 125 mA, VG = -2.3 V Typical
Typical Performance
Conditions unless otherwise specified: VD = 10V, IDQ = 100mA, VG = -2.3V Typical
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
Frequency (GHz)
Noise Figure vs. Frequency. vs. V
D
6V
10V
12V
14V
16V
18V
20V
Temp. = +25 °C
I
DQ = 100mA
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
Frequency (GHz)
Noise Figure vs. Frequency vs. I
DQ
Temp. = +25 °C
V
D = 10 V
IDQ=60mA IDQ=80mA IDQ=100mA IDQ=120mA IDQ=140mA
14
17
20
23
26
29
32
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
Frequency (GHz)
P
SAT vs. Frequency. vs. VD
Temp. = +25 °C
I
DQ = 100 mA, PIN = 12dBm
6V
8V
10V
12V
14V
16V
18V
20V
20
22
24
26
28
30
32
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
Frequency (GHz)
P
SAT vs. Frequency vs. Temperature
- 40 °C
+25 °C
+85 °C
V
D = 10 V, IDQ = 100 mA
P
IN = 12dBm
13
15
17
19
21
23
25
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
Frequency (GHz)
P1dB vs. Frequency vs. Temperature
- 40 °C
+25 °C
+85 °C
V
D = 10 V, IDQ = 100 mA
7
10
13
16
19
22
25
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
Frequency (GHz)
P1dB vs. Frequency. vs. V
D
Temp. = +25 °C
6V
8V
10V
12V
14V
16V
18V
20V
I
DQ = 100 mA


Similar Part No. - TGA2612

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2612-SM TRIQUINT-TGA2612-SM Datasheet
609Kb / 14P
   6 to 12 GHz GaN LNA
TGA2612-SM TRIQUINT-TGA2612-SM_15 Datasheet
609Kb / 14P
   6 to 12 GHz GaN LNA
More results

Similar Description - TGA2612

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2612-SM TRIQUINT-TGA2612-SM_15 Datasheet
609Kb / 14P
   6 to 12 GHz GaN LNA
TGA2611 TRIQUINT-TGA2611_15 Datasheet
406Kb / 12P
   2 to 6 GHz GaN LNA
TGA2611 TRIQUINT-TGA2611 Datasheet
427Kb / 12P
   2-6 GHz GaN LNA
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
logo
TriQuint Semiconductor
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
   6 to 12 GHz GaN Driver Amplifier
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
   6 to 12 GHz 2W GaN Driver Amplifier
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
June 26, 2017
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com