Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2618 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2618
Description  16 to 18 GHz GaAs LNA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2618 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2618 Datasheet HTML 1Page - TriQuint Semiconductor TGA2618 Datasheet HTML 2Page - TriQuint Semiconductor TGA2618 Datasheet HTML 3Page - TriQuint Semiconductor TGA2618 Datasheet HTML 4Page - TriQuint Semiconductor TGA2618 Datasheet HTML 5Page - TriQuint Semiconductor TGA2618 Datasheet HTML 6Page - TriQuint Semiconductor TGA2618 Datasheet HTML 7Page - TriQuint Semiconductor TGA2618 Datasheet HTML 8Page - TriQuint Semiconductor TGA2618 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TGA2618
16 - 18 GHz GaAs LNA
Preliminary Datasheet: Rev - 09-09-14
- 5 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance: Linearity
Conditions unless otherwise specified: VD = 3 V, IDQ = 30 mA, VG = -0.6 V, CW
6
8
10
12
14
16
18
16.0
16.5
17.0
17.5
18.0
Frequency (GHz)
OTOI vs. Frequency vs. Temperature
85 °C
25 °C
Pout/tone = -2 dBm, 10 MHz Tone Spacing
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-6
-4
-2
0
2
4
6
Output Power/Tone (dBm)
IM5 vs. Output Power vs. Frequency
18 GHz
17 GHz
16 GHz
Temp = 25 °C, 10 MHz Tone Spacing
6
8
10
12
14
16
18
16.0
16.5
17.0
17.5
18.0
Frequency (GHz)
OTOI vs. Frequency vs. Drain Current
Pin/tone = -23 dBm, 10 MHz Tone Spacing
45 mA
30 mA
15 mA
-40
-35
-30
-25
-20
-15
-6
-4
-2
0
2
4
6
Output Power/Tone (dBm)
IM3 vs. Output Power vs. Frequency
18 GHz
17 GHz
16 GHz
Temp = 25 °C, 10 MHz Tone Spacing
-40
-35
-30
-25
-20
-15
-6
-4
-2
0
2
4
6
Output Power/Tone (dBm)
IM3 vs. Output Power vs. Temperature
17 GHz, 10 MHz Tone Spacing
85 ºC
25 ºC
25
30
35
40
45
50
55
60
-30
-25
-20
-15
-10
-5
0
Input Power (dBm)
Drain Current vs. Input Power vs. Frequency
16 GHz
17 GHz
18 GHz
Temp = 25 °C


Similar Part No. - TGA2618

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2618-SM TRIQUINT-TGA2618-SM Datasheet
636Kb / 11P
   16 to 18 GHz GaAs LNA
TGA2618-SM TRIQUINT-TGA2618-SM_15 Datasheet
636Kb / 11P
   16 to 18 GHz GaAs LNA
More results

Similar Description - TGA2618

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2618-SM TRIQUINT-TGA2618-SM_15 Datasheet
636Kb / 11P
   16 to 18 GHz GaAs LNA
logo
Broadcom Corporation.
AMMP-6232 BOARDCOM-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232_13 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
AMMP-6232 AVAGO-AMMP-6232 Datasheet
558Kb / 9P
   18 TO 32 GHZ GAAS HIGH LINEARITY LNA IN SMT PACKAGE
logo
TriQuint Semiconductor
TGA2621 TRIQUINT-TGA2621_15 Datasheet
474Kb / 13P
   16 to 18 GHz 1 W GaAs Power Amplifier
logo
Analog Devices
HMC641A AD-HMC641A Datasheet
296Kb / 10P
   0.1 GHz to 18 GHz, GaAs SP4T Switch
logo
Transcom, Inc.
TC1950 TRANSCOM-TC1950 Datasheet
125Kb / 4P
   14 - 18 GHz LNA MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver
logo
Analog Devices
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
   GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
logo
Microchip Technology
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
   DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com